Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS320VC5502 Datasheet(PDF) 67 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320VC5502
Description  Fixed-Point Digital Signal Processor
PDF  189 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320VC5502 Datasheet(HTML) 67 Page - Texas Instruments

Back Button TMS320VC5502 Datasheet HTML 63Page - Texas Instruments TMS320VC5502 Datasheet HTML 64Page - Texas Instruments TMS320VC5502 Datasheet HTML 65Page - Texas Instruments TMS320VC5502 Datasheet HTML 66Page - Texas Instruments TMS320VC5502 Datasheet HTML 67Page - Texas Instruments TMS320VC5502 Datasheet HTML 68Page - Texas Instruments TMS320VC5502 Datasheet HTML 69Page - Texas Instruments TMS320VC5502 Datasheet HTML 70Page - Texas Instruments TMS320VC5502 Datasheet HTML 71Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 189 page
background image
www.ti.com
TMS320VC5502
Fixed-Point Digital Signal Processor
SPRS166H – APRIL 2001 – REVISED NOVEMBER 2004
3.10.5.6
PLL Divider3 Register (PLLDIV3) for SYSCLK3
This register controls the value of the divider D3 for SYSCLK3. It is in both the BYPASS and PLL paths.
15
14
8
D3EN
Reserved
R/W, 1
R, 0000000
7
5
4
0
Reserved
PLLDIV3
R, 000
R/W, 00011
LEGEND: R = Read, W = Write, n = value at reset
Figure 3-20. PLL Divider 3 Register Layout (0x1C90)
Table 3-18. PLL Divider 3 Register Bit Field Description
BIT NAME
BIT NO.
ACCESS
RESET VALUE
DESCRIPTION
D3EN
15
R/W
1
Divider D3 enable
•
D3EN = 0: Divider 3 disabled
•
D3EN = 1: Divider 3 enabled
Reserved
14:5
R
0000000000
Reserved. Reads return 0. Writes have no effect.
PLLDIV3
4:0
R/W
00011
Divider D3 ratio (SYSCLK3 divider)
•
PLLDIV3 = 00000: Divide by 1
•
PLLDIV3 = 00001: Divide by 2
•
PLLDIV3 = 00010: Reserved
•
PLLDIV3 = 00011: Divide by 4
•
PLLDIV3 = 00100–11111: Reserved
3.10.5.7
Oscillator Divider1 Register (OSCDIV1) for CLKOUT3
This register controls the value of the divider OD1 for CLKOUT3. It does not go through the PLL path.
15
14
8
OD1EN
Reserved
R/W, 0
R, 0000000
7
5
4
0
Reserved
OSCDIV1
R, 000
R/W, 00000
LEGEND: R = Read, W = Write, n = value at reset
Figure 3-21. Oscillator Divider1 Register Layout (0x1C92)
Functional Overview
67



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com