Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS320VC5502 Datasheet(PDF) 102 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320VC5502
Description  Fixed-Point Digital Signal Processor
PDF  189 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320VC5502 Datasheet(HTML) 102 Page - Texas Instruments

Back Button TMS320VC5502 Datasheet HTML 98Page - Texas Instruments TMS320VC5502 Datasheet HTML 99Page - Texas Instruments TMS320VC5502 Datasheet HTML 100Page - Texas Instruments TMS320VC5502 Datasheet HTML 101Page - Texas Instruments TMS320VC5502 Datasheet HTML 102Page - Texas Instruments TMS320VC5502 Datasheet HTML 103Page - Texas Instruments TMS320VC5502 Datasheet HTML 104Page - Texas Instruments TMS320VC5502 Datasheet HTML 105Page - Texas Instruments TMS320VC5502 Datasheet HTML 106Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 102 / 189 page
background image
www.ti.com
3.14.3
IPORT Interface
TMS320VC5502
Fixed-Point Digital Signal Processor
SPRS166H – APRIL 2001 – REVISED NOVEMBER 2004
Table 3-52. DPORT Bus Error Register Bit Field Description
BIT NAME
BIT NO.
ACCESS
RESET VALUE
DESCRIPTION
Reserved
15-13
R
000
Reserved
EMIFTO
12
R
0
EMIFTO bit
•
EMIFTO = 0: No error
•
EMIFTO = 1: Error 1 error
Reserved
11-0
R
000000000000
Reserved
The IPORT interfaces the I-Cache to the EMIF module. The ICACHETO bit of the IPORT Bus Error
Register (IERR) can be used to determine if a time-out error has occurred during an ICACHE access to
external memory. The time-out feature is enabled through the EMIFTOEN bit of the Time-Out Control
Register (TOCR).
The IPORT can be placed into idle through the IPORTI bit of the Idle Control Register (ICR) and executing
the IDLE instruction. The IPORT will go into idle when there are no new requests from the ICACHE. When
the IPORT is in idle, it will stop accepting new requests from the CPU, it is important that the program flow
not use external memory in this case. If there are requests from the CPU, the IPORT will not respond and
hang. The ICR register will generate a bus error if the IPORT is idled without the CPU domain being in
idle.
3.14.3.1
IPORT Bus Error Register (IERR)
The IPORT Bus Error Register bit layout is shown in Figure 3-48 and the bits are described in Table 3-53.
15
13
12
11
8
Reserved
ICACHETO
Reserved
R, 000
R, 0
R, 0000
7
0
Reserved
R, 00000000
LEGEND: R = Read, W = Write, n = value at reset
Figure 3-48. IPORT Bus Error Register Layout (0x0302)
Table 3-53. IPORT Bus Error Register Bit Field Description
BIT NAME
BIT NO.
ACCESS
RESET VALUE
DESCRIPTION
Reserved
15-13
R
000
Reserved
ICACHETO
12
R
0
ICACHETO bit
•
ICACHETO = 0: No error
•
ICACHETO = 1: A time-out error occurred during an ICACHE
access to external memory.
Reserved
11-0
R
000000000000
Reserved
102
Functional Overview



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com