Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS320VC5502 Datasheet(PDF) 106 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320VC5502
Description  Fixed-Point Digital Signal Processor
PDF  189 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320VC5502 Datasheet(HTML) 106 Page - Texas Instruments

Back Button TMS320VC5502 Datasheet HTML 102Page - Texas Instruments TMS320VC5502 Datasheet HTML 103Page - Texas Instruments TMS320VC5502 Datasheet HTML 104Page - Texas Instruments TMS320VC5502 Datasheet HTML 105Page - Texas Instruments TMS320VC5502 Datasheet HTML 106Page - Texas Instruments TMS320VC5502 Datasheet HTML 107Page - Texas Instruments TMS320VC5502 Datasheet HTML 108Page - Texas Instruments TMS320VC5502 Datasheet HTML 109Page - Texas Instruments TMS320VC5502 Datasheet HTML 110Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 106 / 189 page
background image
www.ti.com
TMS320VC5502
Fixed-Point Digital Signal Processor
SPRS166H – APRIL 2001 – REVISED NOVEMBER 2004
Table 3-56. CPU Memory-Mapped Registers (continued)
C54X
C55X
WORD ADDRESS
C55x REGISTER DESCRIPTION
BIT FIELD
REGISTER
REGISTER
(HEX)
-
AC3L
28
Accumulator 3
[15-0]
-
AC3H
29
[31-16]
-
AC3G
2A
[39-32]
-
DPH
2B
High Part of the Extended Data Page Register
[6-0]
(XDP = DPH:DP)
-
-
2C
Reserved
[6-0]
-
-
2D
Reserved
[6-0]
-
DP
2E
Data Page Register
[15-0]
-
PDP
2F
Peripheral Data Page Register
[8-0]
-
BK47
30
Circular Buffer Size Register for AR[4-7]
[15-0]
-
BKC
31
Circular Buffer Size Register for CDP
[15-0]
-
BSA01
32
Circular Buffer Start Address Register for AR[0-1]
[15-0]
-
BSA23
33
Circular Buffer Start Address Register for AR[2-3]
[15-0]
-
BSA45
34
Circular Buffer Start Address Register for AR[4-5]
[15-0]
-
BSA67
35
Circular Buffer Start Address Register for AR[6-7]
[15-0]
-
BSAC
36
Circular Buffer Start Address Register for CDP
[15-0]
-
BIOS
37
Data Page Pointer Storage Location for 128-word Data Table
[15-0]
-
TRN1
38
Transition Register 1
[15-0]
-
BRC1
39
Block Repeat Counter 1
[15-0]
-
BRS1
3A
BRC1 Save Register
[15-0]
-
CSR
3B
Computed Single Repeat Register
[15-0]
-
RSA0H
3C
Block Repeat Start Address Register 0
[23-16]
-
RSA0L
3D
[15-0]
-
REA0H
3E
Block Repeat End Address Register 0
[23-16]
-
REA0L
3F
[15-0]
-
RSA1H
40
Block Repeat Start Address Register 1
[23-16]
-
RSA1L
41
[15-0]
-
REA1H
42
Block Repeat End Address Register 1
[23-16]
-
REA1L
43
[15-0]
-
RPTC
44
Single Repeat Counter
[15-0]
-
IER1
45
Interrupt Enable Register 1
[15-0]
-
IFR1
46
Interrupt Flag Register 1
[15-0]
-
DBIER0
47
Debug Interrupt Enable Register 0
[15-0]
-
DBIER1
48
Debug Interrupt Enable Register 0
[15-0]
-
IVPD
49
Interrupt Vector Pointer
[15-0]
-
IVPH
4A
Interrupt Vector Pointer
[15-0]
-
ST2_55
4B
Status Register 2
[15-0]
-
SSP
4C
System Stack Pointer
[15-0]
-
SP
4D
Data Stack Pointer
[15-0]
-
SPH
4E
High Part of the Extended Stack Pointers
[6-0]
(XSP = SPH:SP, XSSP = SPH:SSP)
-
CDPH
4F
High Part of the Extended Coefficient Data Pointer
[6-0]
(XCDP = CDPH:CDP)
106
Functional Overview



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com