Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS320VC5502 Datasheet(PDF) 107 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320VC5502
Description  Fixed-Point Digital Signal Processor
PDF  189 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320VC5502 Datasheet(HTML) 107 Page - Texas Instruments

Back Button TMS320VC5502 Datasheet HTML 103Page - Texas Instruments TMS320VC5502 Datasheet HTML 104Page - Texas Instruments TMS320VC5502 Datasheet HTML 105Page - Texas Instruments TMS320VC5502 Datasheet HTML 106Page - Texas Instruments TMS320VC5502 Datasheet HTML 107Page - Texas Instruments TMS320VC5502 Datasheet HTML 108Page - Texas Instruments TMS320VC5502 Datasheet HTML 109Page - Texas Instruments TMS320VC5502 Datasheet HTML 110Page - Texas Instruments TMS320VC5502 Datasheet HTML 111Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 107 / 189 page
background image
www.ti.com
3.16
Peripheral Registers
TMS320VC5502
Fixed-Point Digital Signal Processor
SPRS166H – APRIL 2001 – REVISED NOVEMBER 2004
Each 5502 device has a set of peripheral memory-mapped registers as listed in Table 3-57 through
Table 3-76. Peripheral registers are accessed using the port qualifier. For more information on the use of
the port qualifier, see the TMS320C55x Assembly Language Tools User’s Guide (literature number
SPRU280). Some registers use less than 16 bits. When reading these registers, unused bits are always
read as 0.
The user guides for each peripheral contain detailed information on the operation and the functions of
each of the peripheral registers (see Section 4.2, Documentation Support, for a list of documents
supporting each peripheral).
Table 3-57. Peripheral Bus Controller Configuration Registers
WORD ADDRESS
REGISTER NAME
DESCRIPTION
RESET VALUE(1)
0x0000
Reserved
0x0001
ICR
Idle Configuration Register
0000 0000 0000 0000
0x0002
ISTR
Idle Status Register
0000 0000 0000 0000
0x0003 to 0x000E
Reserved
0x000F
BOOT_MOD
Boot Mode Register (read only)
Value of GPIO[2:0] at reset
0x0010
Reserved
0x0011
Reserved
0x0100
XCR
XPORT Configuration Register
1000 0000 0000 0000
0x0102
XERR
XPORT Bus Error Register
0000 0000 0000 0000
0x0200
DCR
DPORT Configuration Register
0000 0000 0000 0000
0x0202
DERR
DPORT Bus Error Register
0000 0000 0000 0000
0x0302
IERR
IPORT Bus Error Register
0000 0000 0000 0000
0x07FD
CONFIG
System Configuration Register
1000 0010 0000 0000
0x9000
TOCR
Time-Out Control Register
0000 0000 0000 0001
(1)
x denotes a "don't care."
Table 3-58. External Memory Interface Registers
WORD ADDRESS
REGISTER NAME
DESCRIPTION
RESET VALUE(1)
0x0800
EGCR1
EMIF Global Control Register 1
0010 0111 0111 1100
0x0801
EGCR2
EMIF Global Control Register 2
0000 0000 0000 1001
0x0802
CE1_1
EMIF CE1 Space Control Register 1
1111 1111 0001 1111
0x0803
CE1_2
EMIF CE1 Space Control Register 2
1111 1111 1111 1111
0x0804
CE0_1
EMIF CE0 Space Control Register 1
1111 1111 0000 0011
0x0805
CE0_2
EMIF CE0 Space Control Register 2
1111 1111 1111 1111
0x0806
Reserved
0x0807
Reserved
0x0808
CE2_1
EMIF CE2 Space Control Register 1
1111 1111 1111 0011
0x0809
CE2_2
EMIF CE2 Space Control Register 2
1111 1111 1111 1111
0x080A
CE3_1
EMIF CE3 Space Control Register 1
1111 1111 1111 0011
0x080B
CE3_2
EMIF CE3 Space Control Register 2
1111 1111 1111 1111
0x080C
SDC1
EMIF SDRAM Control Register 1
1111 0000 0000 0000
0x080D
SDC2
EMIF SDRAM Control Register 2
0000 0011 0100 1000
(1)
x denotes a "don't care."
Functional Overview
107



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com