Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS320VC5502 Datasheet(PDF) 109 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320VC5502
Description  Fixed-Point Digital Signal Processor
PDF  189 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320VC5502 Datasheet(HTML) 109 Page - Texas Instruments

Back Button TMS320VC5502 Datasheet HTML 105Page - Texas Instruments TMS320VC5502 Datasheet HTML 106Page - Texas Instruments TMS320VC5502 Datasheet HTML 107Page - Texas Instruments TMS320VC5502 Datasheet HTML 108Page - Texas Instruments TMS320VC5502 Datasheet HTML 109Page - Texas Instruments TMS320VC5502 Datasheet HTML 110Page - Texas Instruments TMS320VC5502 Datasheet HTML 111Page - Texas Instruments TMS320VC5502 Datasheet HTML 112Page - Texas Instruments TMS320VC5502 Datasheet HTML 113Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 109 / 189 page
background image
www.ti.com
TMS320VC5502
Fixed-Point Digital Signal Processor
SPRS166H – APRIL 2001 – REVISED NOVEMBER 2004
Table 3-59. DMA Configuration Registers
WORD ADDRESS
REGISTER NAME
DESCRIPTION
RESET VALUE
GLOBAL REGISTER
0x0E00
DMA_GCR(2:0)
DMA Global Control Register
000
0x0E01
DMA_GTCR(3:0)
DMA Global Timeout Control Register
0000
CHANNEL #0 REGISTERS
0x0C00
DMA_CSDP0
DMA Channel 0 Source Destination Parameters
0000 0000 0000 0000
Register
0x0C01
DMA_CCR0(15:0)
DMA Channel 0 Control Register
0000 0000 0000 0000
0x0C02
DMA_CICR0(5:0)
DMA Channel 0 Interrupt Control register
0000 0001 1000 0011
0x0C03
DMA_CSR0(6:0)
DMA Channel 0 Status register
00 0000
0x0C04
DMA_CSSA_L0
DMA Channel 0 Source Start Address, lower bits,
Undefined
register
0x0C05
DMA_CSSA_U0
DMA Channel 0 Source Start Address, upper bits,
Undefined
register
0x0C06
DMA_CDSA_L0
DMA Channel 0 Source Destination Address, lower
Undefined
bits, register
0x0C07
DMA_CDSA_U0
DMA Channel 0 Source Destination Address, upper
Undefined
bits, register
0x0C08
DMA_CEN0
DMA Channel 0 Element Number register
Undefined
0x0C09
DMA_CFN0
DMA Channel 0 Frame Number register
Undefined
0x0C0A
DMA_CSFI0
DMA Channel 0 Source Frame Index register
Undefined
0x0C0B
DMA_CSEI0
DMA Channel 0 Source Element Index register
Undefined
0x0C0C
DMA_CSAC0
DMA Channel 0 Source Address Counter register
Undefined
0x0C0D
DMA_CDAC0
DMA Channel 0 Destination Address Counter register
Undefined
0x0C0E
DMA_CDEI0
DMA Channel 0 Destination Element Index register
Undefined
0x0C0F
DMA_CDFI0
DMA Channel 0 Destination Frame Index register
Undefined
CHANNEL #1 REGISTERS
0x0C20
DMA_CSDP1
DMA Channel 1 Source Destination Parameters
0000 0000 0000 0000
Register
0x0C21
DMA_CCR1(15:0)
DMA Channel 1 Control Register
0000 0000 0000 0000
0x0C22
DMA_CICR1(5:0)
DMA Channel 1 Interrupt Control register
0000 0001 1000 0011
0x0C23
DMA_CSR1(6:0)
DMA Channel 1 Status register
00 0000
0x0C24
DMA_CSSA_L1
DMA Channel 1 Source Start Address, lower bits,
Undefined
register
0x0C25
DMA_CSSA_U1
DMA Channel 1 Source Start Address, upper bits,
Undefined
register
0x0C26
DMA_CDSA_L1
DMA Channel 1 Source Destination Address, lower
Undefined
bits, register
0x0C27
DMA_CDSA_U1
DMA Channel 1 Source Destination Address, upper
Undefined
bits, register
0x0C28
DMA_CEN1
DMA Channel 1 Element Number register
Undefined
0x0C29
DMA_CFN1
DMA Channel 1 Frame Number register
Undefined
0x0C2A
DMA_CSFI1
DMA Channel 1 Source Frame Index register
Undefined
0x0C2B
DMA_CSEI1
DMA Channel 1 Source Element Index register
Undefined
0x0C2C
DMA_CSAC1
DMA Channel 1 Source Address Counter register
Undefined
0x0C2D
DMA_CDAC1
DMA Channel 1 Destination Address Counter register
Undefined
0x0C2E
DMA_CDEI1
DMA Channel 1 Destination Element Index register
Undefined
0x0C2F
DMA_CDFI1
DMA Channel 1 Destination Frame Index register
Undefined
CHANNEL #2 REGISTERS
0x0C40
DMA_CSDP2
DMA Channel 2 Source Destination Parameters
0000 0000 0000 0000
Register
Functional Overview
109



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com