Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS320VC5502 Datasheet(PDF) 112 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320VC5502
Description  Fixed-Point Digital Signal Processor
PDF  189 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320VC5502 Datasheet(HTML) 112 Page - Texas Instruments

Back Button TMS320VC5502 Datasheet HTML 108Page - Texas Instruments TMS320VC5502 Datasheet HTML 109Page - Texas Instruments TMS320VC5502 Datasheet HTML 110Page - Texas Instruments TMS320VC5502 Datasheet HTML 111Page - Texas Instruments TMS320VC5502 Datasheet HTML 112Page - Texas Instruments TMS320VC5502 Datasheet HTML 113Page - Texas Instruments TMS320VC5502 Datasheet HTML 114Page - Texas Instruments TMS320VC5502 Datasheet HTML 115Page - Texas Instruments TMS320VC5502 Datasheet HTML 116Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 112 / 189 page
background image
www.ti.com
TMS320VC5502
Fixed-Point Digital Signal Processor
SPRS166H – APRIL 2001 – REVISED NOVEMBER 2004
Table 3-60. Instruction Cache Registers
WORD ADDRESS
REGISTER NAME
DESCRIPTION
0x1400
ICGC
ICache Global Control Register
0x1401
ICFLARL
ICache Flush Line Address Register Low Part
0x1402
ICFLARH
ICache Flush Line Address Register High Part
0x1403
ICWMC
ICache N-Way Control Register
Table 3-61. Trace FIFO
(1)
WORD ADDRESS
REGISTER NAME
DESCRIPTION
0x2000 - 0x203F
TRC00 - TRC63
Trace Register Discontinuity Section
0x2040 - 0x204F
TRC64 - TRC79
Trace Register Last PC Section
0x2050
TRC_LPCOFFSET1
Trace LPC Offset Register 1
0x2051
TRC_LPCOFFSET2
Trace LPC Offset Register 2
0x2052
TRC_PTR
Trace Pointer Register
0x2053
TRC_CNTL
Trace Control Register
0x2054
TRC_ID
Trace ID Register
(1)
The Trace FIFO registers are used by the emulator only and do not require any intervention from the user.
Table 3-62. Timer Signal Selection Register
WORD ADDRESS
REGISTER NAME
DESCRIPTION
RESET VALUE
0x8000
TSSR
Timer Signal Selection Register
0000 0000 0000 0000
Table 3-63. Timers
WORD ADDRESS
REGISTER NAME
DESCRIPTION
RESET VALUE
0x1000
GPTPID1_0
Peripheral ID register 1, Timer #0
0000 0111 0000 0001
0x1001
GPTPID2_0
Peripheral ID register 2, Timer #0
0000 0000 0000 0001
0x1002
GPTEMU_0
Emulation Management Register, Timer #0
0000 0000 0000 0000
0x1003
GPTCLK_0
Timer Clock Speed Register, Timer #0
0000 0000 0000 0000
0x1004
GPTGPINT_0
GPIO Interrupt Control Register, Timer #0
0000 0000 0000 0000
0x1005
GPTGPEN_0
GPIO Enable Register, Timer #0
0000 0000 0000 0000
0x1006
GPTGPDAT_0
GPIO Data Register, Timer #0
0000 0000 0000 0000
0x1007
GPTGPDIR_0
GPIO Direction Register, Timer #0
0000 0000 0000 0000
0x1008
GPTCNT1_0
Timer Counter 1 Register, Timer #0
0000 0000 0000 0000
0x1009
GPTCNT2_0
Timer Counter 2 Register, Timer #0
0000 0000 0000 0000
0x100A
GPTCNT3_0
Timer Counter 3 Register, Timer #0
0000 0000 0000 0000
0x100B
GPTCNT4_0
Timer Counter 4 Register, Timer #0
0000 0000 0000 0000
0x100C
GPTPRD1_0
Period Register 1, Timer #0
0000 0000 0000 0000
0x100D
GPTPRD2_0
Period Register 2, Timer #0
0000 0000 0000 0000
0x100E
GPTPRD3_0
Period Register 3, Timer #0
0000 0000 0000 0000
0x100F
GPTPRD4_0
Period Register 4, Timer #0
0000 0000 0000 0000
0x1010
GPTCTL1_0
Timer Control Register 1, Timer #0
0000 0000 0000 0000
0x1011
GPTCTL2_0
Timer Control Register 2, Timer #0
0000 0000 0000 0000
112
Functional Overview



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com