Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS320VC5502 Datasheet(PDF) 101 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320VC5502
Description  Fixed-Point Digital Signal Processor
PDF  189 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320VC5502 Datasheet(HTML) 101 Page - Texas Instruments

Back Button TMS320VC5502 Datasheet HTML 97Page - Texas Instruments TMS320VC5502 Datasheet HTML 98Page - Texas Instruments TMS320VC5502 Datasheet HTML 99Page - Texas Instruments TMS320VC5502 Datasheet HTML 100Page - Texas Instruments TMS320VC5502 Datasheet HTML 101Page - Texas Instruments TMS320VC5502 Datasheet HTML 102Page - Texas Instruments TMS320VC5502 Datasheet HTML 103Page - Texas Instruments TMS320VC5502 Datasheet HTML 104Page - Texas Instruments TMS320VC5502 Datasheet HTML 105Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 101 / 189 page
background image
www.ti.com
TMS320VC5502
Fixed-Point Digital Signal Processor
SPRS166H – APRIL 2001 – REVISED NOVEMBER 2004
The DPORT can be placed into idle through the EMIFI bit of the Idle Control Register (ICR) and executing
the IDLE instruction. When the DPORT is in idle, it will stop accepting new EMIF requests. If there is a
request from the CPU or the EMIF, the DPORT will not respond and hang. The ICR register will generate
a bus error if the DPORT is idled without the CPU or Master Port domains being in idle.
3.14.2.1
DPORT Configuration Register (DCR)
The DPORT Configuration Register bit layout is shown in Figure 3-46 and the bits are described in
Table 3-51.
15
8
Reserved
R, 00000000
7
6
0
WPE
Reserved
R/W, 0
R, 0000000
LEGEND: R = Read, W = Write, n = value at reset
Figure 3-46. DPORT Configuration Register Layout (0x0200)
Table 3-51. DPORT Configuration Register Bit Field Description
(1)
BIT NAME
BIT NO.
ACCESS
RESET VALUE
DESCRIPTION
Reserved
15-8
R
00000000
Reserved
WPE
7
R/W
0
Write Posting Enable bit(1)
•
WPE = 0: Write posting disabled
•
WPE = 1: Write posting enabled
Reserved
6-0
R
0000000
Reserved
(1)
Write posting should not be enabled or disabled while the EMIF is conducting a transaction with external memory.
3.14.2.2
DPORT Bus Error Register (DERR)
The DPORT Bus Error Register bit layout is shown in Figure 3-47 and the bits are described in
Table 3-52.
15
13
12
11
8
Reserved
EMIFTO
Reserved
R, 000
R, 0
R, 0000
7
0
Reserved
R, 0000000
LEGEND: R = Read, W = Write, n = value at reset
Figure 3-47. DPORT Bus Error Register Layout (0x0202)
Functional Overview
101



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com