Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS320VC5502 Datasheet(PDF) 127 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320VC5502
Description  Fixed-Point Digital Signal Processor
PDF  189 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320VC5502 Datasheet(HTML) 127 Page - Texas Instruments

Back Button TMS320VC5502 Datasheet HTML 123Page - Texas Instruments TMS320VC5502 Datasheet HTML 124Page - Texas Instruments TMS320VC5502 Datasheet HTML 125Page - Texas Instruments TMS320VC5502 Datasheet HTML 126Page - Texas Instruments TMS320VC5502 Datasheet HTML 127Page - Texas Instruments TMS320VC5502 Datasheet HTML 128Page - Texas Instruments TMS320VC5502 Datasheet HTML 129Page - Texas Instruments TMS320VC5502 Datasheet HTML 130Page - Texas Instruments TMS320VC5502 Datasheet HTML 131Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 127 / 189 page
background image
www.ti.com
5
Specifications
5.1
Electrical Specifications
5.2
Absolute Maximum Ratings Over Operating Case Temperature Range
5.3
Recommended Operating Conditions
TMS320VC5502
Fixed-Point Digital Signal Processor
SPRS166H – APRIL 2001 – REVISED NOVEMBER 2004
This section provides the absolute maximum ratings and the recommended operating conditions for the
TMS320VC5502 DSP.
All electrical and switching characteristics in this data manual are valid over the recommended operating
conditions unless otherwise specified.
(Unless Otherwise Noted)
(1) (2) (3)
Supply voltage I/O range, DVDD
–0.3 V to 4.0 V
Supply voltage core range, CVDD
–0.3 V to 2.0 V
Input voltage range, VI
–0.3 V to 4.5 V
Output voltage range, Vo
–0.3 V to 4.5 V
Operating case temperature range, TC
–40
°C to 85°C
Storage temperature range, Tstg
–55
°C to 150°C
(1)
Stresses beyond those listed under absolute maximum ratings may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under recommended operating
conditions is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
All supply voltage values (core and I/O) are with respect to VSS.
(3)
Figure 5-1 provides the test load circuit values for a 3.3-V device. Measured timing information contained in this data manual is based
on the test load setup and conditions shown in Figure 5-1.
MIN
NOM
MAX
UNIT
DVDD
Device supply voltage, I/O
3.0
3.3
3.6
V
CVDD
Device supply voltage, core
1.20
1.26
1.32
V
PVDD
Device supply voltage, PLL
3.0
3.3
3.6
V
VSS
Supply voltage, GND
0
V
Hysteresis inputs
2.2
DVDD + 0.3
DVDD = 3.0 – 3.6 V
VIH
High-level input voltage, I/O
V
All other inputs
2
DVDD + 0.3
DVDD = 3.0 – 3.6 V
Hysteresis inputs
–0.3
0.8
DVDD = 3.0 – 3.6 V
VIL
Low-level input voltage, I/O
V
All other inputs
– 0.3
0.8
DVDD = 3.0 – 3.6 V
IOH
High-level output current
All outputs
–300
µA
IOL
Low-level output current
All outputs
1.5
mA
TC
Operating case temperature
–40
85
°C
127
Specifications



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com