Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS320VC5502 Datasheet(PDF) 141 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320VC5502
Description  Fixed-Point Digital Signal Processor
PDF  189 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320VC5502 Datasheet(HTML) 141 Page - Texas Instruments

Back Button TMS320VC5502 Datasheet HTML 137Page - Texas Instruments TMS320VC5502 Datasheet HTML 138Page - Texas Instruments TMS320VC5502 Datasheet HTML 139Page - Texas Instruments TMS320VC5502 Datasheet HTML 140Page - Texas Instruments TMS320VC5502 Datasheet HTML 141Page - Texas Instruments TMS320VC5502 Datasheet HTML 142Page - Texas Instruments TMS320VC5502 Datasheet HTML 143Page - Texas Instruments TMS320VC5502 Datasheet HTML 144Page - Texas Instruments TMS320VC5502 Datasheet HTML 145Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 141 / 189 page
background image
www.ti.com
ECLKOUTx
EMIF.CEx
(see Note A)
EMIF.BE[3:0]
EMIF.A[21:2]
EMIF.D[31:0]
EMIF.ARE/SADS/SDCAS/SRE
(see Note B)
EMIF.AOE/SOE/SDRAS
(see Note B)
EMIF.AWE/SWE/SDWE
(see Note B)
BE1
BE2
BE3
BE4
Q1
Q2
Q3
Q4
PS12
PS11
PS3
PS1
PS12
PS10
PS4
PS2
PS1
PS8
PS5
PS8
A1
A2
A3
A4
PS10
A.
The write latency and the length of EMIF.CEx assertion are programmable via the SYNCWL and CEEXT fields, respectively, in the EMIF
CE Secondary Control Registers (CEx_SC1, CEx_SC2). In this figure, SYNCWL = 0 and CEEXT = 0.
B.
EMIF.ARE/SADS/SDCAS/SRE, EMIF.AOE/SOE/SDRAS, and EMIF.AWE/SWE/SDWE operate as EMIF.SADS/SRE, EMIF.SOE, and
EMIF.SWE, respectively, during programmable synchronous interface accesses.
ECLKOUTx
EMIF.CEx
(see Note A)
EMIF.BE[3:0]
EMIF.A[21:2]
EMIF.D[31:0]
EMIF.ARE/SADS/SDCAS/SRE
(see Note C)
EMIF.AOE/SOE/SDRAS
(see Note C)
EMIF.AWE/SWE/SDWE
(see Note C)
BE1
BE2
BE3
BE4
Q1
Q2
Q3
PS11
PS3
PS12
PS10
PS4
PS2
PS1
PS8
PS5
PS8
A1
A2
A3
A4
PS10
Write Latency = 1
(see Note B)
PS1
Q4
PS12
A.
The write latency and the length of EMIF.CEx assertion are programmable via the SYNCWL and CEEXT fields, respectively, in the EMIF CE
Secondary Control Registers (CEx_SC1, CEx_SC2). In this figure, SYNCWL = 1 and CEEXT = 0.
B.
The following parameters are programmable via the EMIF CE Secondary Control Registers (CEx_SC1, CEx_SC2):
−Read latency (SYNCRL): 0-, 1-, 2-, or 3-cycle read latency
−Write latency (SYNCWL): 0-, 1-, 2-, or 3-cycle write latency
−EMIF.CEx assertion length (CEEXT): For standard SBSRAM or ZBT SRAM interface, EMIF.CEx goes inactive after the final command has
been issued (CEEXT = 0). For synchronous FIFO interface with glue, EMIF.CEx is active when EMIF.SOE is active (CEEXT = 1).
−Function of EMIF.SADS/SRE (RENEN): For standard SBSRAM or ZBT SRAM interface, EMIF.SADS/SRE acts as EMIF.SADS with deselect
cycles (RENEN = 0). For FIFO interface, EMIF.SADS/SRE acts as EMIF.SRE with NO deselect cycles (RENEN = 1).
−Synchronization clock (SNCCLK): Synchronized to ECLKOUT1 or ECLKOUT2
C.
EMIF.ARE/SADS/SDCAS/SRE, EMIF.AOE/SOE/SDRAS, and EMIF.AWE/SWE/SDWE operate as EMIF.SADS/SRE, EMIF.SOE, and
EMIF.SWE, respectively, during programmable synchronous interface accesses.
TMS320VC5502
Fixed-Point Digital Signal Processor
SPRS166H – APRIL 2001 – REVISED NOVEMBER 2004
Figure 5-11. Programmable Synchronous Interface Write Timings (With Write Latency = 0)
Figure 5-12. Programmable Synchronous Interface Write Timings (With Write Latency = 1)
Specifications
141



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com