Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS320VC5502 Datasheet(PDF) 170 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320VC5502
Description  Fixed-Point Digital Signal Processor
PDF  189 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320VC5502 Datasheet(HTML) 170 Page - Texas Instruments

Back Button TMS320VC5502 Datasheet HTML 166Page - Texas Instruments TMS320VC5502 Datasheet HTML 167Page - Texas Instruments TMS320VC5502 Datasheet HTML 168Page - Texas Instruments TMS320VC5502 Datasheet HTML 169Page - Texas Instruments TMS320VC5502 Datasheet HTML 170Page - Texas Instruments TMS320VC5502 Datasheet HTML 171Page - Texas Instruments TMS320VC5502 Datasheet HTML 172Page - Texas Instruments TMS320VC5502 Datasheet HTML 173Page - Texas Instruments TMS320VC5502 Datasheet HTML 174Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 170 / 189 page
background image
www.ti.com
TMS320VC5502
Fixed-Point Digital Signal Processor
SPRS166H – APRIL 2001 – REVISED NOVEMBER 2004
Table 5-44. HPI Read and Write Switching Characteristics
(1) (2) (3)
VC5502-200
VC5502-300
NO.
PARAMETER
UNIT
MIN
MAX
Case 1. HPIC or HPIA read
5
15
K = 1(5)
9 * 2H + 20
Case 2. HPID read with no
K = 2(5)
10 * 2H + 20
auto-increment(4)
K = 4(5)
11 * 2H + 20
Delay time, DS low to HD
H1
td(DSL-HDV)
ns
K = 1(5)
9 * 2H + 20
valid
Case 3. HPID read with
auto-increment and read
K = 2(5)
10 * 2H + 20
FIFO initially empty(4)
K = 4(5)
11 * 2H + 20
Case 4. HPID read with auto-increment and
5
15
data previously prefetched into the read FIFO
H2
tdis(DSH-HDV)
Disable time, HD high-impedance from DS high
1
4
ns
H3
ten(DSL-HDD)
Enable time, HD driven from DS low
3
15
ns
H4
td(DSL-HRDYL)
Delay time, DS low to HRDY low
12
ns
H5
td(DSH-HRDYL)
Delay time, DS high to HRDY low
12
ns
K = 1(5)
10 * 2H + 20
Case 1. HPID read with no
K = 2(5)
11 * 2H + 20
auto-increment(4)
K = 4(5)
12 * 2H + 20
Delay time, DS low to HRDY
H6
td(DSL-HRDYH)
ns
high
K = 1(5)
10 * 2H + 20
Case 2. HPID read with
auto-increment and read
K = 2(5)
11 * 2H + 20
FIFO initialy empty(4)
K = 4(5)
12 * 2H + 20
H7
td(HDV-HRDYH)
Delay time, HD valid to HRDY high
0
ns
H8
td(COH-HINT)
Delay time, CLKOUT high to HINT change(6)
8
ns
Case 1. HPIA write(4)
K = 1, 2, 4(5)
5 * 2H + 20
K = 1(5)
5 * 2H + 20
Delay time, DS high to HRDY
H34
td(DSH-HRDYH)
ns
Case 2. HPID write with no
high
K = 2(5)
5 * 2H + 20
auto-increment(4)
K = 4(5)
6 * 2H + 20
K = 1(5)
40 * 2H + 20
Delay time, DS low to HRDY high for HPIA write and FIFO
H35
td(DSL-HRDYH)
K = 2(5)
40 * 2H + 20
ns
not empty(4)
K = 4(5)
24 * 2H + 20
H36
td(HASL-HRDYL)
Delay time, HPI.HAS low to HRDY low
12
ns
(1)
DS refers to logical OR of HCS, HDS1, and HDS2. HD refers to HPI Data Bus. HDS refers to HDS1 or HDS2. HAD refers to HCNTL0,
HCNTL1, HPI.HBIL, and HR/W.
(2)
H is half the SYSCLK1 clock cycle.
(3)
A host must not initiate transfer requests until the HPI has been brought out of reset, see Section 3.8, Host-Port Interface (HPI), for
more details.
(4)
Assumes no other DMA or CPU memory activity.
(5)
K = divider ratio between CPU clock and SYSCLK1. For example, when SYSCLK1 is set to the CPU clock divided by four, use K = 4.
(6)
In this case, CLKOUT reflects SYSCLK1. The CLKOUT Selection Register (CLKOUTSR) can be programmed to select SYSCLK1 as
CLKOUT.
Specifications
170



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com