Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB82640 Datasheet(PDF) 22 Page - Microchip Technology

Part # USB82640
Description  Automotive USB 2.0 Hub and Flash Media Card Controller Combo
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB82640 Datasheet(HTML) 22 Page - Microchip Technology

Back Button USB82640 Datasheet HTML 18Page - Microchip Technology USB82640 Datasheet HTML 19Page - Microchip Technology USB82640 Datasheet HTML 20Page - Microchip Technology USB82640 Datasheet HTML 21Page - Microchip Technology USB82640 Datasheet HTML 22Page - Microchip Technology USB82640 Datasheet HTML 23Page - Microchip Technology USB82640 Datasheet HTML 24Page - Microchip Technology USB82640 Datasheet HTML 25Page - Microchip Technology USB82640 Datasheet HTML 26Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 64 page
background image
USB82640
DS60001312A-page 22
 2010-2015 Microchip Technology Inc.
7.3.2
EEPROM DATA DESCRIPTOR
TABLE 7-1:
INTERNAL FLASH MEDIA CONTROLLER CONFIGURATIONS
Address
Register Name
Description
Internal Default Value
00h-19h
USB_SER_NUM
USB Serial Number
000008264001
(Unicode)
1Ah-1Bh
USB_VID
USB Card Reader
Vendor ID
0424
1Ch-1Dh
USB_PID
USB Card Reader
Product ID
4040
1Eh-21h
USB_LANG_ID
USB Language Identifier
0409
(see Note 1)
22h-5Dh
USB_MFR_STR
USB Manufacturer String
Generic
(Unicode)
5Eh-99h
USB_PRD_STR
USB Product String
Ultra Fast Media Reader
(Unicode)
9Ah
USB_BM_ATT
USB BmAttribute
80h
9Bh
USB_MAX_PWR
USB Max Power
30h (96 mA)
9Ch
ATT_LB
Attribute Lo byte
40h (Reverse SD_WP only)
9Dh
ATT_HLB
Attribute Hi Lo byte
80h
9Eh
ATT_LHB
Attribute Lo Hi byte
00h
9Fh
ATT_HB
Attribute Hi byte
00h
A0h-A3h
rsvd
A4h
LUN_PWR_LB
LUN Power Lo byte
00h
A5h
LUN_PWR_HB
LUN Power Hi byte
0Ah
A6h-A7h
rsvd
A8h
LED_BLK_INT
LED Blink Interval
02h
A9h
LED_BLK_DUR
LED Blink After Access
28h
AAh-B0h
rsvd
B1h-B7h
DEV1_ID_STR
Device 1 Identifier String
MS
B8h-BEh
rsvd
BFh-C5h
DEV3_ID_STR
Device 3 Identifier String
SD/MMC
C6h-CDh
INQ_VEN_STR
Inquiry Vendor String
Generic
CEh-D2h
INQ_PRD_STR
48VQFN Inquiry Product
String
82640
D3h
DYN_NUM_LUN
Dynamic Number of LUNs
01h
D4h-D7h
LUN_DEV_MAP
LUN to Device Mapping
FFh, 00h, 00h, 00h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com