Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB82640 Datasheet(PDF) 56 Page - Microchip Technology

Part # USB82640
Description  Automotive USB 2.0 Hub and Flash Media Card Controller Combo
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB82640 Datasheet(HTML) 56 Page - Microchip Technology

Back Button USB82640 Datasheet HTML 52Page - Microchip Technology USB82640 Datasheet HTML 53Page - Microchip Technology USB82640 Datasheet HTML 54Page - Microchip Technology USB82640 Datasheet HTML 55Page - Microchip Technology USB82640 Datasheet HTML 56Page - Microchip Technology USB82640 Datasheet HTML 57Page - Microchip Technology USB82640 Datasheet HTML 58Page - Microchip Technology USB82640 Datasheet HTML 59Page - Microchip Technology USB82640 Datasheet HTML 60Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 64 page
background image
USB82640
DS60001312A-page 56
2010-2015 Microchip Technology Inc.
DS60001312A
cont.
Section 5.1,
"USB82640 Pin
Description," on
page 10
• Table 5-1: Row SPI_SPD_SEL: Value 30 MHz indicated as
deprecated.
• Pin RESET_N: Buffer Type changed from IS to I.
Section 5.2, "Buffer
Type Descriptions,"
on page 15
• Buffer IS removed
Section 5.4, "ROM
BOOT Sequence," on
page 18
• Support of 30 MHz removed.
Section 6.0, "Pin
Reset States," on
page 19
• Figure 6-1: removed
• Table 6-2: GPIOs removed.
Section 7.1.1, "Hub
Configuration
Options," on page 21
• Removed: ‘, and must be configured in order to correctly func-
tion when attached to a USB host controller’.
Section 7.2, "Card
Reader," on page 21
• Added: Supports storage addressability of up to 2 TB
Section 7.3, "System
Configurations," on
page 21
• Removed deprecated link to download page, replaced by a
more generic term.
• Note 1 moved to bottom of Table 7-1.
• Table 7-1: Address range corrected: 14Eh-17Bh -> 14Ch-
17Bh
Section 7.3.1,
"EEPROM/SPI
Interface," on page 21
• Description improved. Removed link to SMSC website.
Section 7.3.2.9, "9Ch-
9Fh: Attribute Byte
Descriptions," on
page 27
• Byte counting starts now with ‘0’.
Section 7.3.3.35,
"F6h-FBh: Reserved,"
on page 40
• Byte number corrected
Section 7.3.3.36,
"FCh-FFh: Non-
Volatile Storage
Signature," on
page 40
• Byte number corrected
Section 7.5.2.1,
"RESET_N for
EEPROM
Configuration," on
page 44
• Table 7-7: msec -> ms, µsec -> µs
Section 8.2,
"Operating
Conditions," on
page 46
• Cross reference added in rows ‘3.3 V supply voltage’ and
‘1.8 V supply rise time’ pointing to note located below
Figure 8-1.
TABLE 10-1:
CUSTOMER REVISION HISTORY (CONTINUED)
REVISION LEVEL
& DATE
SECTION/FIGURE/
ENTRY
CORRECTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com