Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB82640 Datasheet(PDF) 13 Page - Microchip Technology

Part # USB82640
Description  Automotive USB 2.0 Hub and Flash Media Card Controller Combo
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB82640 Datasheet(HTML) 13 Page - Microchip Technology

Back Button USB82640 Datasheet HTML 9Page - Microchip Technology USB82640 Datasheet HTML 10Page - Microchip Technology USB82640 Datasheet HTML 11Page - Microchip Technology USB82640 Datasheet HTML 12Page - Microchip Technology USB82640 Datasheet HTML 13Page - Microchip Technology USB82640 Datasheet HTML 14Page - Microchip Technology USB82640 Datasheet HTML 15Page - Microchip Technology USB82640 Datasheet HTML 16Page - Microchip Technology USB82640 Datasheet HTML 17Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 64 page
background image
 2010-2015 Microchip Technology Inc.
DS60001312A-page 13
USB82640
SPI_DO/
10
I/O12
SPI Data Out
This is the data out for the SPI port. See Section
5.4, "ROM BOOT Sequence" for diagram and
usage instructions.
Leave open
SDA
This pin is the data pin when the device is con-
nected to the optional I²C EEPROM.
Leave open
SPI_SPD_SEL
This pin is used to pick the speed of the SPI
interface. During RESET_N assertion, this pin
will be tri-stated with the weak pull-down resistor
enabled. When RESET_N is negated, the value
on the pin will be internally latched, and the pin
will revert to SPI_DO functionality. Additionally,
the internal pull-down will be disabled.
0
: 30 MHz (deprecated and might be removed
in future versions)
1
: 60 MHz
If the latched value is 1, then the pin is tri-stated
when the chip is in the suspend state.
If the latched value is 0, then the pin is driven
low during a suspend state.
Leave open
SPI_DI
11
I/O12PD
SPI Data In
This is the data in to the controller from the SPI
ROM. This pin has a weak internal pull-down
applied at all times to prevent floating.
Leave open
Misc
GPO1/
37
I/O12
This general purpose pin is set to be used as an
output.
Leave open
LED/
GPO1 can be used as an LED output
TXD
This signal can be used as input to the TxD of
UART in the device. Custom firmware is
required to activate this alternate function.
RXD
36
I/O12
This signal can be used as input to the RXD of
UART in the device. Custom firmware is
required to activate this alternate function.
Leave open
CRD_PWR
35
I/O200
Card power drive: 3.3 V (200 mA)
This pin powers the multiplexed flash media
interface (slot) for the SD/MMC interface.
Bits 0, 1, 2, and 3 control FET 2 of Register A5h.
See Section 7.3.2.11, "A4h-A5h: LUN 0 Power
Configuration," on page 28 for more information.
Leave open
TABLE 5-1:
USB82640 PIN DESCRIPTIONS (CONTINUED)
Symbol
48-Pin
VQFN
Buffer
Type
Description
If Pins not Used
Connection



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com