Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB82640 Datasheet(PDF) 30 Page - Microchip Technology

Part # USB82640
Description  Automotive USB 2.0 Hub and Flash Media Card Controller Combo
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB82640 Datasheet(HTML) 30 Page - Microchip Technology

Back Button USB82640 Datasheet HTML 26Page - Microchip Technology USB82640 Datasheet HTML 27Page - Microchip Technology USB82640 Datasheet HTML 28Page - Microchip Technology USB82640 Datasheet HTML 29Page - Microchip Technology USB82640 Datasheet HTML 30Page - Microchip Technology USB82640 Datasheet HTML 31Page - Microchip Technology USB82640 Datasheet HTML 32Page - Microchip Technology USB82640 Datasheet HTML 33Page - Microchip Technology USB82640 Datasheet HTML 34Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 64 page
background image
USB82640
DS60001312A-page 30
 2010-2015 Microchip Technology Inc.
7.3.3.7
D3h: Dynamic Number of LUNs
7.3.3.8
D4h-D7h: LUN to Device Mapping
7.3.3.9
D8h-DAh: MS Bus Timing Control
7.3.3.10
DBh-DDh: SD/MMC Bus Timing Control
7.3.3.11
DEh: Vendor ID (LSB)
7.3.3.12
DFh: Vendor ID (MSB)
Bit
Name
Description
7:0
DYN_NUM_LUN
This byte is used to specify the number of LUNs the device exposes to the
host. These bytes are also used for icon sharing by assigning more than one
LUN to a single icon. This is used in applications where the device utilizes a
combo socket and the OEM wishes to have only a single icon displayed for
one or more interfaces.
If this field is set to FF, the program assumes that you are using the default
value and icons will be configured per the default configuration.
Byte
Name
Description
3:0
LUN_DEV_MAP
These bytes are used to specify the number of LUNs the device exposes to
the host. These bytes are also used for icon sharing by assigning more than
one LUN to a single icon. This is used in applications where the device uti-
lizes a combo socket and the OEM wishes to have only a single icon dis-
played for one or more interfaces.
If this field is set to FF, the program assumes that you are using the default
values and LUNs will be configured per the default configuration.
Byte
Name
Description
2:0
MS_BUS_TIMING
The values for these bytes are set internally and must not be altered.
Byte
Name
Description
2:0
SD_1_MMC_BUS_
TIMING
The values for these bytes are set internally and must not be altered.
Bit
Name
Description
7:0
VID_LSB
Least Significant Byte of the Vendor ID. This is a 16-bit value that uniquely
identifies the vendor of the user device (assigned by USB Implementer’s
Forum).
Bit
Name
Description
7:0
VID_MSB
Most Significant Byte of the Vendor ID. This is a 16-bit value that uniquely
identifies the vendor of the user device (assigned by USB Implementer’s
Forum).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com