Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB82640 Datasheet(PDF) 14 Page - Microchip Technology

Part # USB82640
Description  Automotive USB 2.0 Hub and Flash Media Card Controller Combo
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB82640 Datasheet(HTML) 14 Page - Microchip Technology

Back Button USB82640 Datasheet HTML 10Page - Microchip Technology USB82640 Datasheet HTML 11Page - Microchip Technology USB82640 Datasheet HTML 12Page - Microchip Technology USB82640 Datasheet HTML 13Page - Microchip Technology USB82640 Datasheet HTML 14Page - Microchip Technology USB82640 Datasheet HTML 15Page - Microchip Technology USB82640 Datasheet HTML 16Page - Microchip Technology USB82640 Datasheet HTML 17Page - Microchip Technology USB82640 Datasheet HTML 18Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 64 page
background image
USB82640
DS60001312A-page 14
 2010-2015 Microchip Technology Inc.
REG_EN
22
IPU
Regulator Enable
This pin is internally pulled up to enable the
internal 1.8 V regulators. In order to disable the
regulators, this pin will need to be externally
connected to ground.
When the internal regulator is enabled, the
1.8 V power pins must be left unconnected,
except for the required bypass capacitors.
N/A
RESET_N
38
I
RESET input
This active low signal is used by the system to
reset the chip. The active low pulse should be at
least 1 µs wide.
N/A
TEST[2:0]
28
27
40
IPD
TEST Input
Tie these test pins to ground for normal opera-
tion.
Connect to
ground.
Digital/Power/Ground
VDD18
15
-
1.8 V Digital Core Power Bypass
This pin requires an external bypass capacitor
of 1.0 µF.
If REG_EN is low, this pin serves as a power
supply (1.8 V) for the device.
VDD33
12
16
25
34
-
3.3 V Power and Regulator Input
Pin 16 requires an external bypass capacitor of
4.7 µF minimum.
VDD33 (OTP)
26
-
3.3 V Power
VSS
ePad
-
Ground Pad
The ground pad is the only VSS for the device
and must be tied to ground with multiple vias.
NC(2)
29
36
-
No Connects
No trace or signal should be routed/attached to
these pins.
Leave open
TABLE 5-1:
USB82640 PIN DESCRIPTIONS (CONTINUED)
Symbol
48-Pin
VQFN
Buffer
Type
Description
If Pins not Used
Connection



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com