Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB82640 Datasheet(PDF) 33 Page - Microchip Technology

Part # USB82640
Description  Automotive USB 2.0 Hub and Flash Media Card Controller Combo
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB82640 Datasheet(HTML) 33 Page - Microchip Technology

Back Button USB82640 Datasheet HTML 29Page - Microchip Technology USB82640 Datasheet HTML 30Page - Microchip Technology USB82640 Datasheet HTML 31Page - Microchip Technology USB82640 Datasheet HTML 32Page - Microchip Technology USB82640 Datasheet HTML 33Page - Microchip Technology USB82640 Datasheet HTML 34Page - Microchip Technology USB82640 Datasheet HTML 35Page - Microchip Technology USB82640 Datasheet HTML 36Page - Microchip Technology USB82640 Datasheet HTML 37Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 64 page
background image
 2010-2015 Microchip Technology Inc.
DS60001312A-page 33
USB82640
7.3.3.18
E5h: Configuration Data Byte 2 (CFG_DAT_BYT2)
7.3.3.19
E6h: Configuration Data Byte 3 (CFG_DAT_BYT3)
Bit
Name
Description
7:6
rsvd
5:4
OC_TIMER
OverCurrent Timer: Over-current timer delay.
00
: 50 ns
01
: 100 ns
10
: 200 ns
11
: 400 ns
3
COMPOUND
Compound Device: Allows OEM to indicate that the hub is part of a com-
pound device per the USB 2.0 Specification [1]. The applicable port(s) must
also be defined as having a “non-removable device”.
When configured via strapping options, declaring a port as non-removable
automatically causes the hub controller to report that it is part of a compound
device.
0
: no
1
: yes, the hub is part of a compound device
2:0
rsvd
Bit
Name
Description
7:4
rsvd
3
PRTMAP_EN
Port Mapping Enable: Selects the method used by the hub to assign port
numbers and disable ports.
0
: Standard Mode. Strap options or the following registers are used to define
which ports are enabled, and the ports are mapped as port ‘n’ on the hub is
reported as port ‘n’ to the host, unless one of the ports is disabled, then the
higher numbered ports are remapped in order to report contiguous port num-
bers to the host.
Register 300Ah: Port disable for self-powered operation (reset = 0x00).
Register 300Bh: Port disable for bus-powered operation (reset = 0x00).
1
: PortMap mode. The mode enables remapping via the registers defined
below.
Register 30FBh: PortMap 12 (reset = 0x00)
Register 30FCh: PortMap 3 (reset = 0x00)
2:0
rsvd



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com