Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB82640 Datasheet(PDF) 16 Page - Microchip Technology

Part # USB82640
Description  Automotive USB 2.0 Hub and Flash Media Card Controller Combo
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB82640 Datasheet(HTML) 16 Page - Microchip Technology

Back Button USB82640 Datasheet HTML 12Page - Microchip Technology USB82640 Datasheet HTML 13Page - Microchip Technology USB82640 Datasheet HTML 14Page - Microchip Technology USB82640 Datasheet HTML 15Page - Microchip Technology USB82640 Datasheet HTML 16Page - Microchip Technology USB82640 Datasheet HTML 17Page - Microchip Technology USB82640 Datasheet HTML 18Page - Microchip Technology USB82640 Datasheet HTML 19Page - Microchip Technology USB82640 Datasheet HTML 20Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 64 page
background image
USB82640
DS60001312A-page 16
 2010-2015 Microchip Technology Inc.
5.3
Port Power Control
5.3.1
PORT POWER CONTROL USING USB POWER SWITCH
The USB82640 has a single port power control and over-current sense signal for each downstream port. When disabling
port power, the driver will actively drive a 0. To avoid unnecessary power dissipation, the internal pull-up resistor will be
disabled at that time. When port power is enabled, the output driver is disabled, and the pull-up resistor is enabled cre-
ating an open drain output.
If there is an over-current situation, the USB Power Switch will assert the open drain OCS signal. The Schmitt trigger
input will detect this event as a low. The open drain output does not interfere. The over-current sense filter handles the
transient conditions, such as low voltage, while the device is powering up.
FIGURE 5-1:
PORT POWER CONTROL WITH USB POWER SWITCH
USB82640
USB Power
Switch
5 V
USB
Device
PRTCTL3
EN
OCS
USB Power
Switch
5 V
USB
Device
PRTCTL2
EN
OCS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com