Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB82640 Datasheet(PDF) 17 Page - Microchip Technology

Part # USB82640
Description  Automotive USB 2.0 Hub and Flash Media Card Controller Combo
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB82640 Datasheet(HTML) 17 Page - Microchip Technology

Back Button USB82640 Datasheet HTML 13Page - Microchip Technology USB82640 Datasheet HTML 14Page - Microchip Technology USB82640 Datasheet HTML 15Page - Microchip Technology USB82640 Datasheet HTML 16Page - Microchip Technology USB82640 Datasheet HTML 17Page - Microchip Technology USB82640 Datasheet HTML 18Page - Microchip Technology USB82640 Datasheet HTML 19Page - Microchip Technology USB82640 Datasheet HTML 20Page - Microchip Technology USB82640 Datasheet HTML 21Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 64 page
background image
 2010-2015 Microchip Technology Inc.
DS60001312A-page 17
USB82640
5.3.2
PORT POWER CONTROL USING A POLY FUSE
When using the USB82640 with a poly fuse, an external diode must be used (see Figure 5-2). When disabling port
power, the USB82640 driver will drive a 0. This procedure will have no effect since the external diode will isolate the pin
from the load. When port power is enabled, the USB82640 output driver is disabled, and the pull-up resistor is enabled
which creates an open drain output. This means that the pull-up resistor is providing 3.3 volts to the anode of the diode.
If there is an over-current situation, the poly fuse will open. This will cause the cathode of the diode to go to zero volts.
The anode of the diode will be at 0.7 volts, and the Schmitt trigger input will register this as a low resulting in an over-
current detection. The open drain output does not interfere.
When using a single poly fuse to power all devices, note that for the ganged situation, all power control pins must be
tied together.
FIGURE 5-2:
PORT POWER CONTROL WITH SINGLE POLY FUSE AND MULTIPLE LOADS
FIGURE 5-3:
PORT POWER CONTROL WITH GANGED CONTROL WITH POLY FUSE
USB
Device
5 V
PRTCTL3
USB
Device
5 V
PRTCTL2
USB82640
USB
Device
Poly Fuse
5 V
USB
Device
PRTCTL2
PRTCTL3
USB82640



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com