Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB82640 Datasheet(PDF) 26 Page - Microchip Technology

Part # USB82640
Description  Automotive USB 2.0 Hub and Flash Media Card Controller Combo
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB82640 Datasheet(HTML) 26 Page - Microchip Technology

Back Button USB82640 Datasheet HTML 22Page - Microchip Technology USB82640 Datasheet HTML 23Page - Microchip Technology USB82640 Datasheet HTML 24Page - Microchip Technology USB82640 Datasheet HTML 25Page - Microchip Technology USB82640 Datasheet HTML 26Page - Microchip Technology USB82640 Datasheet HTML 27Page - Microchip Technology USB82640 Datasheet HTML 28Page - Microchip Technology USB82640 Datasheet HTML 29Page - Microchip Technology USB82640 Datasheet HTML 30Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 64 page
background image
USB82640
DS60001312A-page 26
 2010-2015 Microchip Technology Inc.
7.3.2.7
9Ah: USB BmAttribute (1 byte)
7.3.2.8
9Bh: USB MaxPower (1 byte)
Bit
Name
Description
7:0
USB_BM_ATT
Self- or Bus-Power: Selects between self- and bus-powered operation.
The hub is either self-powered (draws less than 2 mA of upstream bus power)
or bus-powered (limited to a 100 mA maximum of upstream power prior to
being configured by the host controller).
When configured as a bus-powered device, the Microchip hub consumes less
than 100 mA of current prior to being configured. After configuration, the bus-
powered Microchip hub (along with all associated hub circuitry, any embed-
ded devices if part of a compound device, and 100 mA per externally avail-
able downstream port) must consume no more than 500 mA of upstream
VBUS current. The current consumption is system dependent, and the OEM
must ensure that the USB 2.0 specifications are not violated.
When configured as a self-powered device, <1 mA of upstream VBUS current
is consumed and all ports are available, with each port being capable of
sourcing 500 mA of current.
80
= Bus-powered operation
C0
= Self-powered operation
A0
= Bus-powered operation with remote wake-up
E0
= Self-powered operation with remote wake-up
Bit
Name
Description
7:0
USB_MAX_PWR
USB Max Power per USB Specification [1]. Do NOT set this value greater
than 100 mA.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com