Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB82640 Datasheet(PDF) 28 Page - Microchip Technology

Part # USB82640
Description  Automotive USB 2.0 Hub and Flash Media Card Controller Combo
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB82640 Datasheet(HTML) 28 Page - Microchip Technology

Back Button USB82640 Datasheet HTML 24Page - Microchip Technology USB82640 Datasheet HTML 25Page - Microchip Technology USB82640 Datasheet HTML 26Page - Microchip Technology USB82640 Datasheet HTML 27Page - Microchip Technology USB82640 Datasheet HTML 28Page - Microchip Technology USB82640 Datasheet HTML 29Page - Microchip Technology USB82640 Datasheet HTML 30Page - Microchip Technology USB82640 Datasheet HTML 31Page - Microchip Technology USB82640 Datasheet HTML 32Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 64 page
background image
USB82640
DS60001312A-page 28
 2010-2015 Microchip Technology Inc.
7.3.2.11
A4h-A5h: LUN 0 Power Configuration
The USB82640 has one internal FET which can be utilized for card power. Please reference to Section 7.3.4.9, "14Ch-
17Bh: Reserved," on page 42 for information on the other internal FET. The settings are stored in NVSTORE and pro-
vide the following features:
1.
A card can be powered by an external FET or by an internal FET.
2.
The power limit is set to 200 mA (default) for the internal FET but can be set to 100 mA.
Each media uses two bytes to store its LUN power configuration. Bit 3 selects between internal or external. For internal
FETs bits 0 through 2 are used for the power limit. Only 2 of the possible 8 values are currently specified.
7.3.2.12
A6h-A7h: Reserved
7.3.2.13
A8h: LED Blink Interval (1 byte)
7.3.2.14
A9h: Blink Duration
TABLE 7-4:
FET CONFIGURATION
FET
Type
Bits
Bit Type
Description
0FET Lo
Byte
3:0
Low Nibble
rsvd
1
7:4
High Nibble
2FET Hi
Byte
3:0
Low Nibble
0000b Disabled
0001b External FET enabled
1000b Internal FET with 100 mA power limit
1010b Internal FET with 200 mA power limit
3
7:4
High Nibble
rsvd
BYTE
Name
Description
1:0
rsvd
Bit
Name
Description
7:0
LED_BLK_INT
The blink rate is programmable in 50 ms intervals. The high bit (7) indicates
an idle state:
0
: off
1
: on
The remaining bits (6:0) are used to determine the blink interval up to a max
of 128 x 50 ms.
Bit
Name
Description
7:0
LED_BLK_DUR
LED Blink After Access
This byte is used to designate the number of seconds that the GPIO 1 LED
will continue to blink after a drive access. Setting this byte to 05 will cause the
GPIO 1 LED to blink for 5 seconds after a drive access.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com