Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB82640 Datasheet(PDF) 35 Page - Microchip Technology

Part # USB82640
Description  Automotive USB 2.0 Hub and Flash Media Card Controller Combo
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB82640 Datasheet(HTML) 35 Page - Microchip Technology

Back Button USB82640 Datasheet HTML 31Page - Microchip Technology USB82640 Datasheet HTML 32Page - Microchip Technology USB82640 Datasheet HTML 33Page - Microchip Technology USB82640 Datasheet HTML 34Page - Microchip Technology USB82640 Datasheet HTML 35Page - Microchip Technology USB82640 Datasheet HTML 36Page - Microchip Technology USB82640 Datasheet HTML 37Page - Microchip Technology USB82640 Datasheet HTML 38Page - Microchip Technology USB82640 Datasheet HTML 39Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 64 page
background image
 2010-2015 Microchip Technology Inc.
DS60001312A-page 35
USB82640
7.3.3.22
E9h: Port Disable For Bus-Powered Operation
7.3.3.23
EAh: Max Power For Self-Powered Operation
7.3.3.24
EBh: Max Power For Bus-Powered Operation
Bit
Name
Description
7:0
PORT_DIS_BP
Disables 1 or more ports.
0
: port is available
1
: port is disabled
During self-powered operation
, this register selects the ports which will be
permanently disabled. The ports are unavailable to be enabled or enumer-
ated by a host controller. The ports can be disabled in any order, the internal
logic will automatically report the correct number of enabled ports to the USB
host and will reorder the active ports in order to ensure proper function.
When using the internal default option, the PRT_DIS[1:0] pins will disable the
appropriate ports.
Bit 7 = rsvd
Bit 6 = rsvd
Bit 5 = rsvd
Bit 4 = rsvd
Bit 3 = controls physical port 3
Bit 2 = controls physical port 2
Bit 1 = controls physical port 1
Bit 0 = rsvd
Note:
Bit 1 must be set to 0 in order for the card reader to enumerate.
Bit
Name
Description
7:0
MAX_PWR_SP
Value in 2 mA increments that the hub consumes from an upstream port
(VBUS) when operating as a self-powered hub. This value includes the hub
silicon along with the combined power consumption (from VBUS) of all asso-
ciated circuitry on the board. This value also includes the power consumption
of a permanently attached peripheral if the hub is configured as a compound
device, and the embedded peripheral reports 0 mA in its descriptors.
Note:
The USB 2.0 Specification [1] does not permit this value to exceed
100 mA.
Bit
Name
Description
7:0
MAX_PWR_BP
Value in 2 mA increments that the hub consumes from an upstream port
(VBUS) when operating as a bus-powered hub. This value includes the hub
silicon along with the combined power consumption (from VBUS) of all asso-
ciated circuitry on the board. This value also includes the power consumption
of a permanently attached peripheral if the hub is configured as a compound
device, and the embedded peripheral reports 0 mA in its descriptors.
Note:
The USB 2.0 Specification [1] does not permit this value to exceed
100 mA.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com