Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB82640 Datasheet(PDF) 50 Page - Microchip Technology

Part # USB82640
Description  Automotive USB 2.0 Hub and Flash Media Card Controller Combo
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB82640 Datasheet(HTML) 50 Page - Microchip Technology

Back Button USB82640 Datasheet HTML 46Page - Microchip Technology USB82640 Datasheet HTML 47Page - Microchip Technology USB82640 Datasheet HTML 48Page - Microchip Technology USB82640 Datasheet HTML 49Page - Microchip Technology USB82640 Datasheet HTML 50Page - Microchip Technology USB82640 Datasheet HTML 51Page - Microchip Technology USB82640 Datasheet HTML 52Page - Microchip Technology USB82640 Datasheet HTML 53Page - Microchip Technology USB82640 Datasheet HTML 54Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 64 page
background image
USB82640
DS60001312A-page 50
2010-2015 Microchip Technology Inc.
9.0
AC SPECIFICATIONS
9.1
Oscillator/Clock
Parallel Resonant, Fundamental Mode, 24 MHz
± 350 ppm.
TABLE 9-1:
CRYSTAL CIRCUIT LEGEND
Note 1: C0 is usually included (subtracted by the crystal manufacturer) in the specification for CL and should be set
to ‘0’ for use in the calculation of the capacitance formulas in Figure 9-2, "Capacitance Formulas". However,
the OEM PCB itself may present a parasitic capacitance between XTAL1 and XTAL2. For an accurate cal-
culation of C1 and C2, take the parasitic capacitance between traces XTAL1 and XTAL2 into account.
2: Each of these capacitance values is typically approximately 18 pF.
FIGURE 9-1:
TYPICAL CRYSTAL CIRCUIT
Symbol
Description
In Accordance With
C0
Crystal shunt capacitance
Crystal manufacturer’s specification (see Note 1)
CL
Crystal load capacitance
CB
Total board or trace capacitance
OEM board design
CS
Stray capacitance
Microchip IC and OEM board design
CXTAL
XTAL pin input capacitance
Microchip IC
C1
Load capacitors installed on OEM board
Calculated values based on Figure 9-2, "Capacitance
Formulas" (see Note 2)
C2
FIGURE 9-2:
CAPACITANCE FORMULAS
C 1 = 2 x ( C L – C 0 ) – C S1
C 2 = 2 x ( C L – C 0 ) – C S2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com