Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB82640 Datasheet(PDF) 25 Page - Microchip Technology

Part # USB82640
Description  Automotive USB 2.0 Hub and Flash Media Card Controller Combo
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB82640 Datasheet(HTML) 25 Page - Microchip Technology

Back Button USB82640 Datasheet HTML 21Page - Microchip Technology USB82640 Datasheet HTML 22Page - Microchip Technology USB82640 Datasheet HTML 23Page - Microchip Technology USB82640 Datasheet HTML 24Page - Microchip Technology USB82640 Datasheet HTML 25Page - Microchip Technology USB82640 Datasheet HTML 26Page - Microchip Technology USB82640 Datasheet HTML 27Page - Microchip Technology USB82640 Datasheet HTML 28Page - Microchip Technology USB82640 Datasheet HTML 29Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 64 page
background image
 2010-2015 Microchip Technology Inc.
DS60001312A-page 25
USB82640
7.3.2.1
00h-19h: USB Serial Number Option
7.3.2.2
1Ah-1Bh: USB Vendor Identifier Option
7.3.2.3
1Ch-1Dh: USB Product Identifier Option
7.3.2.4
1Eh-21h: USB Language Identifier Option
7.3.2.5
22h-5Dh: USB Manufacturer String Length
7.3.2.6
5Eh-99h: USB Product String Length
Byte
Name
Description
25:0
USB_SER_NUM
Maximum string length is 12 hex digits. Must be unique to each device.
Byte
Name
Description
1:0
USB_VID
This ID is unique for every vendor, where the vendor ID is assigned by the
USB Implementer’s Forum.
Byte
Name
Description
1:0
USB_PID
This ID is unique for every product, where the product ID is assigned by the
vendor.
Byte
Name
Description
3:0
USB_LANG_ID
English language code = 0409
Byte
Name
Description
59:0
USB_MFR_STR
Maximum string length is 29 characters.
Byte
Name
Description
59:0
USB_PRD_STR
This string will be used during the USB enumeration process in Windows®.
The maximum string length is 29 characters.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com