Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB82640 Datasheet(PDF) 41 Page - Microchip Technology

Part # USB82640
Description  Automotive USB 2.0 Hub and Flash Media Card Controller Combo
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB82640 Datasheet(HTML) 41 Page - Microchip Technology

Back Button USB82640 Datasheet HTML 37Page - Microchip Technology USB82640 Datasheet HTML 38Page - Microchip Technology USB82640 Datasheet HTML 39Page - Microchip Technology USB82640 Datasheet HTML 40Page - Microchip Technology USB82640 Datasheet HTML 41Page - Microchip Technology USB82640 Datasheet HTML 42Page - Microchip Technology USB82640 Datasheet HTML 43Page - Microchip Technology USB82640 Datasheet HTML 44Page - Microchip Technology USB82640 Datasheet HTML 45Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 64 page
background image
 2010-2015 Microchip Technology Inc.
DS60001312A-page 41
USB82640
7.3.4
INTERNAL FLASH MEDIA CONTROLLER EXTENDED CONFIGURATIONS
Enable Registers 100h - 17Fh by setting bit 7 of bmAttribute.
7.3.4.1
100h-106h: Combo LUN 0 Identifier String
7.3.4.2
107h-10Dh: Combo LUN 1 Identifier String
7.3.4.3
10Eh-114h: Combo LUN 2 Identifier String
7.3.4.4
115h-11Bh: Combo LUN 3 Identifier String
7.3.4.5
11Ch-122h: Combo LUN 4 Identifier String
7.3.4.6
123h-145h: Reserved
Byte
Name
Description
6:0
CLUN0_ID_STR
If the LUN to device mapping bytes have configured this LUN to be a combo
LUNs, then these strings will be used to identify the LUN rather than the
device identifier strings.
Byte
Name
Description
6:0
CLUN1_ID_STR
If the LUN to device mapping bytes have configured this LUN to be a combo
LUNs, then these strings will be used to identify the LUN rather than the
device identifier strings.
Byte
Name
Description
6:0
CLUN2_ID_STR
If the LUN to device mapping bytes have configured this LUN to be a combo
LUNs, then these strings will be used to identify the LUN rather than the
device identifier strings.
Byte
Name
Description
6:0
CLUN3_ID_STR
If the LUN to device mapping bytes have configured this LUN to be a combo
LUNs, then these strings will be used to identify the LUN rather than the
device identifier strings.
Byte
Name
Description
6:0
CLUN4_ID_STR
If the LUN to device mapping bytes have configured this LUN to be a combo
LUNs, then these strings will be used to identify the LUN rather than the
device identifier strings.
Byte
Name
Description
34:0
rsvd



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com