Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB82640 Datasheet(PDF) 15 Page - Microchip Technology

Part # USB82640
Description  Automotive USB 2.0 Hub and Flash Media Card Controller Combo
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB82640 Datasheet(HTML) 15 Page - Microchip Technology

Back Button USB82640 Datasheet HTML 11Page - Microchip Technology USB82640 Datasheet HTML 12Page - Microchip Technology USB82640 Datasheet HTML 13Page - Microchip Technology USB82640 Datasheet HTML 14Page - Microchip Technology USB82640 Datasheet HTML 15Page - Microchip Technology USB82640 Datasheet HTML 16Page - Microchip Technology USB82640 Datasheet HTML 17Page - Microchip Technology USB82640 Datasheet HTML 18Page - Microchip Technology USB82640 Datasheet HTML 19Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 64 page
background image
 2010-2015 Microchip Technology Inc.
DS60001312A-page 15
USB82640
5.2
Buffer Type Descriptions
TABLE 5-2:
USB82640 BUFFER TYPE DESCRIPTIONS
Buffer
Description
I
Input
IPU
Input with weak internal pull-up
I/O12
Input/output buffer with 12 mA sink and 12 mA source
I/O200
Input/output buffer 12 mA with FET disabled, 100/200 mA source only when the FET is
enabled
I/O12PD
Input/output buffer with 12 mA sink and 12 mA source, with an internal weak pull-down
resistor
I/O12PU
Open drain, 12 mA sink with pull-up. Input with Schmitt trigger
I/OD12PU
Input/open drain output buffer with a 12 mA sink
O12
Output buffer with a 12 mA sink and a 12 mA source
ICLKx
XTAL clock input
OCLKx
XTAL clock output
I/O-U
Analog input/output defined in USB Specification [1]
I-R
RBIAS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com