Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB82640 Datasheet(PDF) 40 Page - Microchip Technology

Part # USB82640
Description  Automotive USB 2.0 Hub and Flash Media Card Controller Combo
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB82640 Datasheet(HTML) 40 Page - Microchip Technology

Back Button USB82640 Datasheet HTML 36Page - Microchip Technology USB82640 Datasheet HTML 37Page - Microchip Technology USB82640 Datasheet HTML 38Page - Microchip Technology USB82640 Datasheet HTML 39Page - Microchip Technology USB82640 Datasheet HTML 40Page - Microchip Technology USB82640 Datasheet HTML 41Page - Microchip Technology USB82640 Datasheet HTML 42Page - Microchip Technology USB82640 Datasheet HTML 43Page - Microchip Technology USB82640 Datasheet HTML 44Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 64 page
background image
USB82640
DS60001312A-page 40
 2010-2015 Microchip Technology Inc.
7.3.3.33
F4h: MS/SD Clock Limit for the Flash Media Controller
7.3.3.34
F5h: Reserved
7.3.3.35
F6h-FBh: Reserved
7.3.3.36
FCh-FFh: Non-Volatile Storage Signature
Byte Name
Type
Bits
Description
MS_SD_CLK_LIM
Upper
Nibble Bits
7:4
0
: SD/MMC - 48 MHz
1
: SD/MMC - 24 MHz
2
: SD/MMC - 20 MHz
3
: SD/MMC - 15 MHz
Lower
Nibble Bits
3:0
0
: MS - 60 MHz -- Default, no limit
1
: MS - 40 MHz
2
: MS - 20 MHz
3
: MS - 15 MHz
Bit
Name
Description
7:0
rsvd
Byte
Name
Description
5:0
rsvd
The values for these bytes are set internally and must not be altered.
Byte
Name
Description
3:0
NVSTORE_SIG
This signature is used to verify the validity of the data in the first 256 bytes of the
configuration area. The signature must be set to ATA2.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com