Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB82640 Datasheet(PDF) 48 Page - Microchip Technology

Part # USB82640
Description  Automotive USB 2.0 Hub and Flash Media Card Controller Combo
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB82640 Datasheet(HTML) 48 Page - Microchip Technology

Back Button USB82640 Datasheet HTML 44Page - Microchip Technology USB82640 Datasheet HTML 45Page - Microchip Technology USB82640 Datasheet HTML 46Page - Microchip Technology USB82640 Datasheet HTML 47Page - Microchip Technology USB82640 Datasheet HTML 48Page - Microchip Technology USB82640 Datasheet HTML 49Page - Microchip Technology USB82640 Datasheet HTML 50Page - Microchip Technology USB82640 Datasheet HTML 51Page - Microchip Technology USB82640 Datasheet HTML 52Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 64 page
background image
USB82640
DS60001312A-page 48
2010-2015 Microchip Technology Inc.
3: Output leakage is measured with the current pins in high impedance.
4: See the USB 2.0 Specification [1], Chapter 7, for USB DC electrical characteristics
5: RBIAS is a 3.3 V tolerant analog pin.
6: Output current range is controlled by program software. The software disables the FET during short circuit
condition.
7: Supply currents do not include power FET currents.
8: HS Host, 2 ports active, MS Card active.
I/O12, I/O12PU & I/O12PD Type
Buffer
Low Output Level
VOL
0.4
V
IOL = 6 mA @
VDD33 = 3.3 V
High Output Level
VOH
VDD33
- 0.4
VIOH = -6 mA @
VDD33 = 3.3 V
Output Leakage
IOL
-10
+10
µA
VIN = 0 to VDD33
(Note 3)
Pull Down
PD
72
µA
Pull Up
PU
58
µA
IO-U
(Note 4)
I-R
(Note 5)
Integrated Power FET set to
200 mA
Output Current (Note 6)IOUT
200
mA
VdropFET
0.46 V
Short Circuit Current Limit
ISC
181
mA
VoutFET = 0 V
On Resistance (Note 6)RDSON
2.1
IFET = 70 mA
Output Voltage Rise Time
tDSON
800
µs
CLOAD = 10 µF
Supply Current Unconfigured
Note 7
Hi-Speed Host
ICCINTHS
--
75
mA
Full Speed Host
ICCINITFS
--
70
mA
Supply Current Active HS Host
(Note 8)
ICC
--
330
mA
Supply Current Suspend
ICSBY
-
-
2500
µA
Supply Current Reset
IRST
-
-
2500
µA
Parameter
Symbol
Min
Typ
Max
Units
Comments



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com