Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB82640 Datasheet(PDF) 29 Page - Microchip Technology

Part # USB82640
Description  Automotive USB 2.0 Hub and Flash Media Card Controller Combo
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB82640 Datasheet(HTML) 29 Page - Microchip Technology

Back Button USB82640 Datasheet HTML 25Page - Microchip Technology USB82640 Datasheet HTML 26Page - Microchip Technology USB82640 Datasheet HTML 27Page - Microchip Technology USB82640 Datasheet HTML 28Page - Microchip Technology USB82640 Datasheet HTML 29Page - Microchip Technology USB82640 Datasheet HTML 30Page - Microchip Technology USB82640 Datasheet HTML 31Page - Microchip Technology USB82640 Datasheet HTML 32Page - Microchip Technology USB82640 Datasheet HTML 33Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 64 page
background image
 2010-2015 Microchip Technology Inc.
DS60001312A-page 29
USB82640
7.3.3
DEVICE ID STRINGS
7.3.3.1
AAh-B0h: Reserved
7.3.3.2
B1h-B7h: Device 1 Identifier String
7.3.3.3
B8h-BEh: Reserved
7.3.3.4
BFh-C5h: Device 3 Identifier String
7.3.3.5
C6h-CDh: Inquiry Vendor String
7.3.3.6
CEh-D2h: Inquiry Product String
Byte
Name
Description
6:0
rsvd
Byte
Name
Description
6:0
DEV1_ID_STR
These bytes are used to specify the LUN descriptor returned by the device.
These bytes are used in combination with the LUN to device mapping bytes
in applications that reorder and rename the LUNs. If this device is configured
to be part of a COMBO LUN then this string is ignored for the appropriate
CLUNx_ID_STR
.
Byte
Name
Description
6:0
rsvd
Byte
Name
Description
6:0
DEV3_ID_STR
These bytes are used to specify the LUN descriptor returned by the device.
These bytes are used in combination with the LUN to device mapping bytes
in applications where the OEM wishes to reorder and rename the LUNs. If
this device is configured to be part of a COMBO LUN then this string is
ignored for the appropriate CLUNx_ID_STR.
Byte
Name
Description
7:0
INQ_VEN_STR
If bit 4 of the 1st attribute byte is set, the device will use these strings in
response to a USB inquiry command, instead of the USB descriptor manufac-
turer and product ID strings.
Byte
Name
Description
4:0
INQ_PRD_STR
If bit 4 of the 1st attribute byte is set, the device will use these strings in
response to a USB inquiry command, instead of the USB descriptor manufac-
turer and product ID strings.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com