Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB82640 Datasheet(PDF) 57 Page - Microchip Technology

Part # USB82640
Description  Automotive USB 2.0 Hub and Flash Media Card Controller Combo
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB82640 Datasheet(HTML) 57 Page - Microchip Technology

Back Button USB82640 Datasheet HTML 53Page - Microchip Technology USB82640 Datasheet HTML 54Page - Microchip Technology USB82640 Datasheet HTML 55Page - Microchip Technology USB82640 Datasheet HTML 56Page - Microchip Technology USB82640 Datasheet HTML 57Page - Microchip Technology USB82640 Datasheet HTML 58Page - Microchip Technology USB82640 Datasheet HTML 59Page - Microchip Technology USB82640 Datasheet HTML 60Page - Microchip Technology USB82640 Datasheet HTML 61Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 64 page
background image
2010-2015 Microchip Technology Inc.
DS60001312A-page 57
USB82640
DS60001312A
cont.
Section 8.4, "DC
Electrical
Characteristics," on
page 47
• IS Type Input Buffer removed as this type of buffer is not avail-
able.
• Input Leakage: IS buffer type removed.
Chapter 10.0, "GPIO
Usage"
• Section removed as GPIOs are not supported (except GPO1).
Chapter 10.0
• Package drawing exchanged (Microchip style)
Product Identification
System on page 62
• ROM/Firmware combination 000727 added
Rev. 1.3
(06-10-13)
All
Lead-free information removed.
Page 2
Order numbers changed according to Microchip rules,
Chapter 4
Logical structure added for better understanding the basic struc-
ture of the USB82640.
Appendix B (Selected
Device Descriptors)
Some device descriptor parameters of interest added.
Appendix C
(References)
Reference added for “Universal Serial Bus Mass Storage Class
Specification Overview”
Rev. 1.3
(01-25-13)
All
Microchip logo and legend added.
All
USB82660 removed.
Section 8.2,
"Operating
Conditions"
Table 8.2: 3.3 V supply rise time, 1.8 V supply rise time corrected:
400 ms -> 400 µs
Rev. 1.2
(01-25-12)
Section5.1
Table5.1: Symbol GPIO[25:18] corrected (formerly: GPIO[27:18]).
Section 5.4
The valid EEPROM signature corrected: ATA2 -> ata2
Rev. 1.2
(12-22-11)
Section 7.3.3.33,
"F4h: MS/SD Clock
Limit for the Flash
Media Controller"
SD card settings are done at Upper Nibble Bits and not at Lower
Nibble Bits, MS assigned to Lower Nibble Bits.
Chapter 10
Both tables: GPIO4: SCK -> SCL
Rev. 1.2
(06-20-11)
Section 7.3.3.35
Updated register description to indicate new function.
Table 7.1
Cleaned up Table 7.1 for clarity.
Rev. 1.1
(10-12-10)
Page 2
Ordering information completed.
Rev. 1.1
(07-07-10)
Section 5.1,
"USB82640 Pin
Descriptions"
GPIO8 and GPIO10 pin description: Some values adapted.
Section 7.3.2,
"EEPROM Data
Descriptor"
Table 7.1: Value corrected for LUN Power Hi Byte.
Section 7.3.2.11,
"A4h-A5h: LUN 0
Power Configuration"
Default values adapted.
TABLE 10-1:
CUSTOMER REVISION HISTORY (CONTINUED)
REVISION LEVEL
& DATE
SECTION/FIGURE/
ENTRY
CORRECTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com