Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB82640 Datasheet(PDF) 55 Page - Microchip Technology

Part # USB82640
Description  Automotive USB 2.0 Hub and Flash Media Card Controller Combo
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB82640 Datasheet(HTML) 55 Page - Microchip Technology

Back Button USB82640 Datasheet HTML 51Page - Microchip Technology USB82640 Datasheet HTML 52Page - Microchip Technology USB82640 Datasheet HTML 53Page - Microchip Technology USB82640 Datasheet HTML 54Page - Microchip Technology USB82640 Datasheet HTML 55Page - Microchip Technology USB82640 Datasheet HTML 56Page - Microchip Technology USB82640 Datasheet HTML 57Page - Microchip Technology USB82640 Datasheet HTML 58Page - Microchip Technology USB82640 Datasheet HTML 59Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 64 page
background image
2010-2015 Microchip Technology Inc.
DS60001312A-page 55
USB82640
APPENDIX A: DATA SHEET REVISION HISTORY
TABLE 10-1:
CUSTOMER REVISION HISTORY
REVISION LEVEL
& DATE
SECTION/FIGURE/
ENTRY
CORRECTION
DS60001312A
All
• Version migrated to Microchip template.
• Microchip DS number inserted
• Revision A replaces the previous SMSC Rev 1.3.
• Trademark and last page according to Microchip guidelines.
• GPIO functionality removed as the functionality is not sup-
ported any more (except GPO1).
• Package drawing exchanged, QFN -> VQFN
Cover Sheet
• ‘Single-chip USB 2.0 hub controller with 2 exposed hi-speed
downstream ports for external peripheral expansion’ and ‘The
dedicated flash media reader is internally attached to a 3rd
downstream port of the hub as a USB compound device’ ->
‘Single-chip compound device: USB 2.0 hub controller with
two hi-speed downstream ports and a flash media controller’
• Configures internal code using an external I2CTM EEPROM
or SPI ROM -> Configuration of internal code using an exter-
nal I2CTM EEPROM or SPI Flash
• Supports execution of external code from SPI Flash EEPROM
-> Execution of external code from SPI Flash
• Supports custom vendor, product, and language IDs when
using an external EEPROM -> Support of custom vendor,
product, and language IDs when using an external EEPROM
• Removed: 8051 8-bit microprocessor
• Removed: GPIO configuration and polarity for special function
use
Section 1.1, "Device
Features," on page 5
• Section 1.1.2 and Section 1.1.3 merged
• Removed: GPIO configuration and polarity for special function
use
• Removed: 8051 8-bit microprocessor
• implemented in the ...-> loaded by ... where the following fea-
tures are supported:
• added as Secure Digital 2.0 feature:
Supports storage addressability of up to 2 TB
Section 2.0, "Pin
Configuration," on
page 6
• GPIOs removed.
Section 3.0, "Pin
Table," on page 7
• GPIOs removed.
Section 4.0, "Logical
Structure and Block
Diagram," on page 8
• Figure 4-2 adapted, GPIOs removed.
Section 5.0, "Pin
Descriptions," on
page 10
• GPIOs and descriptions describing them removed.
• Term ‘weak pull-up resistors’ replaced by accurate description.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com