Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB82640 Datasheet(PDF) 37 Page - Microchip Technology

Part # USB82640
Description  Automotive USB 2.0 Hub and Flash Media Card Controller Combo
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB82640 Datasheet(HTML) 37 Page - Microchip Technology

Back Button USB82640 Datasheet HTML 33Page - Microchip Technology USB82640 Datasheet HTML 34Page - Microchip Technology USB82640 Datasheet HTML 35Page - Microchip Technology USB82640 Datasheet HTML 36Page - Microchip Technology USB82640 Datasheet HTML 37Page - Microchip Technology USB82640 Datasheet HTML 38Page - Microchip Technology USB82640 Datasheet HTML 39Page - Microchip Technology USB82640 Datasheet HTML 40Page - Microchip Technology USB82640 Datasheet HTML 41Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 64 page
background image
 2010-2015 Microchip Technology Inc.
DS60001312A-page 37
USB82640
7.3.3.29
F0h: Boost_3:2
7.3.3.30
F1h: PortSwap
Bit
Name
Description
7:6
rsvd
5:4
BOOST_IOUT_3
Upstream USB electrical signaling drive strength boost bit for downstream
port 3.
00
: normal electrical drive strength = no boost
01
: elevated electrical drive strength = low (approximately 4% boost)
10
: elevated electrical drive strength = medium (approximately 8% boost)
11
: elevated electrical drive strength = high (approximately 12% boost)
3:2
BOOST_IOUT_2
Upstream USB electrical signaling drive strength boost bit for downstream
port 2.
00
: normal electrical drive strength = no boost
01
: elevated electrical drive strength = low (approximately 4% boost)
10
: elevated electrical drive strength = medium (approximately 8% boost)
11
: elevated electrical drive strength = high (approximately 12% boost)
Note:
“Boost” could result in non-USB Compliant parameters. OEM
should use a 00 value unless specific implementation issues
require additional signal boosting to correct for degraded USB sig-
naling levels.
1:0
rsvd
Bit
Byte Name
Description
7:0
PRT_SWP
Swaps the upstream and downstream USB DP and DM pins for ease of
board routing to devices and connectors.
0
: USB D+ functionality is associated with the DP pin and D- functionality is
associated with the DM pin.
1
: USB D+ functionality is associated with the DM pin and D- functionality is
associated with the DP pin.
Bit 7 = rsvd
Bit 6 = rsvd
Bit 5 = rsvd
Bit 4 = rsvd
Bit 3 = controls physical port 3
Bit 2 = controls physical port 2
Bit 1 = rsvd
Bit 0 = controls physical port 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com