Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB82640 Datasheet(PDF) 32 Page - Microchip Technology

Part # USB82640
Description  Automotive USB 2.0 Hub and Flash Media Card Controller Combo
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB82640 Datasheet(HTML) 32 Page - Microchip Technology

Back Button USB82640 Datasheet HTML 28Page - Microchip Technology USB82640 Datasheet HTML 29Page - Microchip Technology USB82640 Datasheet HTML 30Page - Microchip Technology USB82640 Datasheet HTML 31Page - Microchip Technology USB82640 Datasheet HTML 32Page - Microchip Technology USB82640 Datasheet HTML 33Page - Microchip Technology USB82640 Datasheet HTML 34Page - Microchip Technology USB82640 Datasheet HTML 35Page - Microchip Technology USB82640 Datasheet HTML 36Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 64 page
background image
USB82640
DS60001312A-page 32
 2010-2015 Microchip Technology Inc.
7.3.3.17
E4h: Configuration Data Byte 1 (CFG_DAT_BYT1)
Bit
Name
Description
7
SELF_BUS_PWR
Self- or Bus-Power: Selects between self- and bus-powered operation.
The hub is either self-powered (draws less than 2 mA of upstream bus power)
or bus-powered (limited to a 100 mA maximum of upstream power prior to
being configured by the host controller).
When configured as a bus-powered device, the Microchip hub consumes less
than 100 mA of current prior to being configured. After configuration, the bus-
powered Microchip hub (along with all associated hub circuitry, any embed-
ded devices if part of a compound device, and 100 mA per externally avail-
able downstream port) must consume no more than 500 mA of upstream
VBUS current. The current consumption is system dependent, and the OEM
must ensure that the USB 2.0 specifications are not violated.
When configured as a self-powered device, <1 mA of upstream VBUS current
is consumed and all ports are available, with each port being capable of
sourcing 500 mA of current.
0
: bus-powered operation
1
: self-powered operation
6
rsvd
5
HS_DISABLE
Hi-Speed Disable: Disables the capability to attach as either a Hi-/Full-Speed
device, and forces attachment as Full-Speed only (i.e., no Hi-Speed support).
0
: Hi-/Full-Speed
1
: Full-Speed-Only (Hi-Speed disabled!)
4
rsvd
3
EOP_DISABLE
EOP Disable: Disables EOP generation of EOF1 when in Full-Speed mode.
During FS operation only, this permits the hub to send EOP if no downstream
traffic is detected at EOF1. See Section 11.3.1 of the USB 2.0 Specification
[1] for additional details.
0
: An EOP is generated at the EOF1 point if no traffic is detected.
1
: EOP generation at EOF1 is disabled (normal USB operation).
Generation of an EOP at the EOF1 point may prevent a host controller (oper-
ating in FS mode) from placing the USB bus in suspend.
2:1
CURRENT_SNS
Over-Current Sense: Selects current sensing on a port-by-port basis, all ports
ganged, or none (only for bus-powered hubs). The ability to support current
sensing on a per port or ganged basis is dependent upon the hardware imple-
mentation.
00
: ganged sensing (all ports together)
01
: individual (port-by-port)
1x
: over-current sensing is not supported (must only be used with bus-pow-
ered configurations)
0
PORT_PWR
Port Power Switching: Enables power switching on all ports simultaneously
(ganged), or port power is individually switched on and off on a port-by-port
basis (individual). The ability to support power enabling on a port or ganged
basis is dependent upon the hardware implementation.
0
: ganged switching (all ports together)
1
: individual port-by-port switching



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com