Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB82640 Datasheet(PDF) 18 Page - Microchip Technology

Part # USB82640
Description  Automotive USB 2.0 Hub and Flash Media Card Controller Combo
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB82640 Datasheet(HTML) 18 Page - Microchip Technology

Back Button USB82640 Datasheet HTML 14Page - Microchip Technology USB82640 Datasheet HTML 15Page - Microchip Technology USB82640 Datasheet HTML 16Page - Microchip Technology USB82640 Datasheet HTML 17Page - Microchip Technology USB82640 Datasheet HTML 18Page - Microchip Technology USB82640 Datasheet HTML 19Page - Microchip Technology USB82640 Datasheet HTML 20Page - Microchip Technology USB82640 Datasheet HTML 21Page - Microchip Technology USB82640 Datasheet HTML 22Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 64 page
background image
USB82640
DS60001312A-page 18
 2010-2015 Microchip Technology Inc.
5.4
ROM BOOT Sequence
After power-on reset, the internal firmware checks for an external SPI flash device that contains a valid signature of
2DFU
(device firmware upgrade) beginning at address 0xFFFA. If a valid signature is found, then the external ROM is
enabled and code execution begins at address 0x0000 in the external SPI device. Otherwise, code execution continues
from the internal ROM.
If there is no SPI ROM detected, the internal firmware then checks for the presence of an I2C ROM. The firmware looks
for the signature ata2 at the offset of FCh-FFh and ecf1 at the offset of 17Ch-17Fh in the I2C ROM. The firmware
reads in the I2C ROM to configure the hardware and software internally. See Section 7.3.2, "EEPROM Data Descriptor,"
on page 22 for configuration options details.
The SPI ROM required for the USB82640 is a recommended minimum of 1 Mbit and support 60 MHz. The frequency
used is set using the SPI_SPD_SEL. For 60 MHz operation, this pin must pulled up through a 100 kΩ resistor. SPI_SP-
D_SEL is used to choose the speed of the SPI interface. During RESET_N assertion, this pin will be tri-stated with the
weak pull-down resistor enabled. When RESET_N is negated, the value on the pin will be internally latched, and the pin
will revert to SPI_DO functionality, and the internal pull-down is disabled.
The firmware can determine the speed of operation on the SPI port by checking the SPI_SPEED in the SPI_CTL Register
(0x2400 - RESET = 0x02). Both 1- and 2-bit SPI operation is supported. For optimum throughput, a 2-bit SPI ROM is
recommended. Both mode 0 and mode 3 SPI ROMS are also supported.
FIGURE 5-4:
SPI ROM CONNECTION
FIGURE 5-5:
I2C CONNECTION
SPI ROM
SPI_CE_N
SPI_CLK / SCL
SPI_DI
SPI_DO / SDA / SPI_SPD_SEL
USB82640
CE#
CLK
SI
SO
I2C ROM
SCL
SDA
3.3 V
3.3 V
10k
USB82640
10k



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com