Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB82640 Datasheet(PDF) 1 Page - Microchip Technology

Part # USB82640
Description  Automotive USB 2.0 Hub and Flash Media Card Controller Combo
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB82640 Datasheet(HTML) 1 Page - Microchip Technology

  USB82640 Datasheet HTML 1Page - Microchip Technology USB82640 Datasheet HTML 2Page - Microchip Technology USB82640 Datasheet HTML 3Page - Microchip Technology USB82640 Datasheet HTML 4Page - Microchip Technology USB82640 Datasheet HTML 5Page - Microchip Technology USB82640 Datasheet HTML 6Page - Microchip Technology USB82640 Datasheet HTML 7Page - Microchip Technology USB82640 Datasheet HTML 8Page - Microchip Technology USB82640 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 64 page
background image
 2010-2015 Microchip Technology Inc.
DS60001312A-page 1
Highlights
• AEC-Q100 compliance
- Microchip’s parts are tested to meet or
exceed the requirements of the AEC-Q100
automotive qualification standards
•PortMap
- Flexible port mapping and port disable
sequencing supports multiple platform
designs
•PortSwap
- Programmable USB differential-pair pin loca-
tions ease PCB design by aligning USB sig-
nal traces directly to connectors
• PHYBoost
- Programmable USB transceiver drive
strength for recovering signal integrity due to
compromised system environment
Target Applications
• Automotive integrated head unit
• Automotive breakout box
• Automotive media player dock
• Automotive consumer connectivity ports
• Portable device charging via USB
• Rear seat infotainment access
Key Benefits
• Single-chip compound device: USB 2.0 hub con-
troller with two hi-speed downstream ports and a
flash media controller
• Hub and flash media reader/writer configuration
from a single source:
- Configuration of internal code using an exter-
nal I2CTM EEPROM or SPI Flash
- Execution of external code from SPI Flash
- Support of custom vendor, product, and lan-
guage IDs when using an external EEPROM
• Full power management with individual or ganged
power control of each downstream port
• Transaction Translator (TT) in the hub supports
operation of FS and LS peripherals
• Single 24 MHz crystal support
• Integrated regulator for 1.8 V core operation
• External regulator mode for 1.8 V core operation
• RoHS compliant packages
- 48-pin (7x7 mm²) VQFN
• Temperature ranges:
- 48VQFN: -40 ºC to +85 ºC
USB82640
Automotive USB 2.0 Hub and Flash Media Card
Controller Combo


Similar Part No. - USB82640

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
USB82642 MICROCHIP-USB82642 Datasheet
707Kb / 64P
Automotive USB 2.0 Hub and Flash Media Card Controller Combo
02/28/20
USB82642AM-A-000528-V02 MICROCHIP-USB82642AM-A-000528-V02 Datasheet
707Kb / 64P
Automotive USB 2.0 Hub and Flash Media Card Controller Combo
02/28/20
USB82642AM-A-000528-V05 MICROCHIP-USB82642AM-A-000528-V05 Datasheet
707Kb / 64P
Automotive USB 2.0 Hub and Flash Media Card Controller Combo
02/28/20
USB82642AM-A-000728-V02 MICROCHIP-USB82642AM-A-000728-V02 Datasheet
707Kb / 64P
Automotive USB 2.0 Hub and Flash Media Card Controller Combo
02/28/20
USB82642AM-A-000728-V05 MICROCHIP-USB82642AM-A-000728-V05 Datasheet
707Kb / 64P
Automotive USB 2.0 Hub and Flash Media Card Controller Combo
02/28/20
More results

Similar Description - USB82640

ManufacturerPart #DatasheetDescription
logo
SMSC Corporation
USB2223-03 SMSC-USB2223-03 Datasheet
286Kb / 20P
BUS POWERED USB 2.0 FLASH MEDIA CONTROLLER
USB97C210 SMSC-USB97C210 Datasheet
380Kb / 24P
USB 2.0 FLASH MEDIA CONTROLLER
USB97C211 SMSC-USB97C211 Datasheet
345Kb / 24P
USB 2.0 Flash Media Controller
USB97C223 SMSC-USB97C223 Datasheet
274Kb / 20P
Bus Powered USB 2.0 Flash Media Controller
USB4640 SMSC-USB4640 Datasheet
1Mb / 64P
High Speed Inter-Chip (HSIC) USB 2.0 Hub and Flash Media Controller
USB2641I SMSC-USB2641I Datasheet
390Kb / 8P
Industrial Temperature USB 2.0 Flash Media Controller and Hub Combo
logo
Microchip Technology
USB2642 MICROCHIP-USB2642 Datasheet
889Kb / 56P
USB 2.0 Hub and Flash Media Card Controller Combo
01/27/15
USB82642 MICROCHIP-USB82642 Datasheet
707Kb / 64P
Automotive USB 2.0 Hub and Flash Media Card Controller Combo
02/28/20
USB2640 MICROCHIP-USB2640 Datasheet
691Kb / 60P
Ultra Fast USB 2.0 Multi-Format Flash Media Controller/USB Hub Combo
02/28/20
USB2640I MICROCHIP-USB2640I Datasheet
663Kb / 59P
Industrial Temperature USB 2.0 Flash Media Controller and USB Hub Combo
02/28/20
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com