Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB82640 Datasheet(PDF) 4 Page - Microchip Technology

Part # USB82640
Description  Automotive USB 2.0 Hub and Flash Media Card Controller Combo
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB82640 Datasheet(HTML) 4 Page - Microchip Technology

  USB82640 Datasheet HTML 1Page - Microchip Technology USB82640 Datasheet HTML 2Page - Microchip Technology USB82640 Datasheet HTML 3Page - Microchip Technology USB82640 Datasheet HTML 4Page - Microchip Technology USB82640 Datasheet HTML 5Page - Microchip Technology USB82640 Datasheet HTML 6Page - Microchip Technology USB82640 Datasheet HTML 7Page - Microchip Technology USB82640 Datasheet HTML 8Page - Microchip Technology USB82640 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 64 page
background image
USB82640
DS60001312A-page 4
 2010-2015 Microchip Technology Inc.
1.0
INTRODUCTION
Microchip’s USB82640 is designed, fabricated, tested, characterized and qualified for automotive applications.
The USB82640 is a USB 2.0 compliant, hi-speed hub and card reader combo solution. This fully-integrated, single
chip solution provides USB expansion and flash media reader/writer integration. The Microchip USB82640 provides
an ultra fast interface between a USB host and today’s popular flash media formats. The controller allows read/write
capability to flash media including the following:
• Secure DigitalTM (SD)
• SD High CapacityTM (SDHC)
• MultiMediaCardTM (MMC)
• Memory Stick® (MS)
•MS PROTM
•MS PRO-HGTM
The USB82640 offers a versatile, cost-effective and energy-efficient hub controller with 2 downstream USB 2.0 ports
and a Secure Digital/Memory Stick flash media interface. The dedicated flash media reader is internally attached to a
3rd downstream port of the hub as a USB compound device. The flash media interface can support sustained transfer
rates exceeding 35 MB/s if the media and host support those rates.
The USB82640 will attach to an upstream port as either a full-speed or full-/hi-speed hub. The hub supports low-speed,
full-speed, and hi-speed (if operating as a full-/hi-speed hub) downstream devices on all of the enabled downstream
ports.
All required resistors on the USB ports are integrated into the hub. This includes all series termination resistors on D+
and D- pins and all required pull-down and pull-up resistors. The over-current sense inputs for the downstream facing
ports have internal pull-up resistors.
AEC-Q100 compliance: The USB82640 is specifically tailored for use in automotive applications requiring automotive
grade robustness starting with the comprehension of proprietary design for reliability techniques within the silicon IC
itself as well as for the package design.
• Automotive qualified technologies and processes are used to fabricate the products with enhanced monitors to
continuously drive improvements in accordance with Microchip’s zero-dpm methodology.
• Product qualification is focused on customer expectations and exceeds many of the automotive reliability stan-
dards including AEC-Q100.
• Microchip automotive services are provided during the life of the product from a dedicated organization of opera-
tions, quality, and product support personnel specialized in meeting the requirements of the automotive customer.
The USB82640 includes programmable features such as:
PortMap which provides flexible port mapping and disable sequences. The down-
stream ports of a USB82640 hub can be reordered or disabled in any sequence to
support multiple platform designs with minimum effort. For any port that is disabled,
the USB82640 automatically reorders the remaining ports to match the USB host
controller’s port numbering scheme.
PortSwap which adds per-port programmability to USB differential-pair pin loca-
tions. PortSwap allows direct alignment of USB signals (D+/D-) to connectors avoid-
ing uneven trace length or crossing of the USB differential signals on the PCB.
PHYBoost which enables four programmable levels of USB signal drive strength in
downstream port transceivers. PHYBoost attempts to restore USB signal integrity.
The boost graphic shows an example of hi-speed USB eye diagrams before (PHY-
Boost at 0%) and after (PHYBoost at 12%) signal integrity restoration in a compro-
mised system environment.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com