Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UCS1002-2 Datasheet(PDF) 111 Page - Microchip Technology

Part # UCS1002-2
Description  Programmable USB Port Power Controller with Charger Emulation
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

UCS1002-2 Datasheet(HTML) 111 Page - Microchip Technology

Back Button UCS1002-2 Datasheet HTML 106Page - Microchip Technology UCS1002-2 Datasheet HTML 107Page - Microchip Technology UCS1002-2 Datasheet HTML 108Page - Microchip Technology UCS1002-2 Datasheet HTML 109Page - Microchip Technology UCS1002-2 Datasheet HTML 110Page - Microchip Technology UCS1002-2 Datasheet HTML 111Page - Microchip Technology UCS1002-2 Datasheet HTML 112Page - Microchip Technology UCS1002-2 Datasheet HTML 113Page - Microchip Technology UCS1002-2 Datasheet HTML 114Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 111 / 114 page
background image
Programmable USB Port Power Controller with Charger Emulation
Datasheet
SMSC UCS1002
111
Revision 1.4 (07-16-13)
DATASHEET
Chapter 13 Document Revision History
Table 13.1 Customer Revision History
REVISION
LEVEL & DATE
SECTION/FIGURE/ENTRY
CORRECTION
Revision 1.4
(07-16-13)
Cover
Added patent information to cover
Table 3.3, "Electrical
Specifications"
Added specifications for IDET_QUAL / IREM_QUAL and IBUS_CHG
Section 9.8.2, "Emulation
Cycling"
Updated text for DCE cycle behavior. Changed cycle order for
1001-3 and 1001-4.
Section 10.4.4, "Attach
Detection Configuration -
18h"
Changed register default setting for IDET_QUAL / IREM_QUAL
default change from 45h to 46h
Section 10.8, "IBUS_CHG
Configuration Register"
Changed register default setting for IBUS_CHG value change
from 01h to 04h
Revision 1.3
(02-14-13)
Table 3.3, "Electrical
Specifications"
Added Pin Wake Time (tPIN_WAKE).
Added SMBus Wake Time (tSBM_WAKE) and Idle Sleep Time
(tIDLE_SLEEP).
Added Timeout (tTIMEOUT) and Idle Reset (tIDLE_RESET).
Changed ISLEEP from 8 µA (MAX) to 15 µA (MAX) per
characterization data.
Added 12W Current Limit changes.
Figure 5.5, "Wake Timing
via External Pins"
Changed ~3ms to tPIN_WAKE. Removed third example: “Wake
with S0 & PWR_EN to Auto-transition Detect State (VS >
VS_UVLO, M1 & M2 & EM_EN not all ‘0’ and not set to Data
Pass-through)”.
Figure “Wake Via SMBus
Read with S0 = “0”
Changed >5ms to tIDLE_SLEEP.
Changed time between reads from 1ms<t<5ms to tSMB_WAKE.
Chapter 5, General
Description
After system diagrams, noted that is available.
Chapter 13, Document
Revision History
Added.
Revision 1.2
(05-21-12)
Cover
Certification added: “
UL recognized and EN/IEC 60950-1
(CB) certified”
Revision 1.2
(05-16-12)
Cover
Source voltage: Vs MIN moved from 2.7 to 2.9 V to
accommodate UL
Table 3.3, "Electrical
Specifications"
Source voltage: Vs MIN moved from 2.7 to 2.9 V to
accommodate UL
Cover
There are nine preloaded charger emulation profiles.
Chapter 2, Pin Description
Changed “unused connection” to n/a for ILIM, SEL, SMDATA
/ LATCH, and SMCLK /S0 pins as they must be used.
Added Note 2.1: Total leakage current from pins 3 and 4
(VBUS) to ground must be less than 100 µA for proper attach
/ removal detection operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com