Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UCS1002-2 Datasheet(PDF) 112 Page - Microchip Technology

Part # UCS1002-2
Description  Programmable USB Port Power Controller with Charger Emulation
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

UCS1002-2 Datasheet(HTML) 112 Page - Microchip Technology

Back Button UCS1002-2 Datasheet HTML 106Page - Microchip Technology UCS1002-2 Datasheet HTML 107Page - Microchip Technology UCS1002-2 Datasheet HTML 108Page - Microchip Technology UCS1002-2 Datasheet HTML 109Page - Microchip Technology UCS1002-2 Datasheet HTML 110Page - Microchip Technology UCS1002-2 Datasheet HTML 111Page - Microchip Technology UCS1002-2 Datasheet HTML 112Page - Microchip Technology UCS1002-2 Datasheet HTML 113Page - Microchip Technology UCS1002-2 Datasheet HTML 114Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 112 / 114 page
background image
Programmable USB Port Power Controller with Charger Emulation
Datasheet
Revision 1.4 (07-16-13)
112
SMSC UCS1002
DATASHEET
Table 3.3, "Electrical
Specifications"
IDET_QUAL changed from 200 µA to 400 µA.
IREM_QUAL_DET changed from 200 µA to 400 µA.
IREM_QUAL_ACT changed from 100 µA to 300 µA.
Updated selectable current limits (ILIMx) min and max values.
Typical values did not change.
Changed IACTIVE from 500 µA (TYP) to 650 µA (TYP).
Changed IACTIVE from TBD µA (MAX) to 750 µA (MAX).
Changed ISLEEP from TBD µA (MAX) to 8 µA (MAX).
Table 5.1, "Power States
Control Settings"
“Behavior” cell in the "Sleep" row: Clarified behavior by
adding "VBUS will be near ground potential”.
Section 5.1.2, "Sleep State
Operation"
Clarified behavior by adding "VBUS will be near ground
potential”.
Section 5.2.3, "Back-voltage
Detection" and Section
5.2.4, "Back-drive Current
Protection"
Section “Back-voltage / Back-drive Detection” split into two.
In Section 5.2.4, "Back-drive Current Protection", corrected
reference IBD_LK to match elec spec symbol IBD_1 and
rewrote back-drive description.
Section 7.2.4, "Current
Limiting Modes"
Added: The current limiting mode used depends on the Active
state mode (see Section 9.9, "Current Limit Mode
Associations").
Section 7.2.4.1, "Trip Mode"
Added application note: To avoid cycling in trip mode, set ILIM
higher than the highest expected portable device current
draw.
Table 9.2, "Current Limit
Mode Options"
Rearranged rows so DCE Cycle is grouped together.
Added row for DCE Cycle when a charger emulation profile is
being applied.
Section 9.8.2, "Emulation
Cycling"
and
Section 9.11.5, "Legacy 7
Charger Emulation Profile"
Legacy 7 charger emulation profile defined and enabled by
default.
Chapter 12, Typical
Operating Curves
Rearranged order of TOCs.
Added new TOCs:
— Figure 12.3, "Short Applied After Power Up"
— Figure 12.5, "Internal Power Switch Short Response"
— Figure 12.16, "Trip Current Limit Operation vs. Temp."
— Figure 12.17, "IBUS Measurement Accuracy"
— Figure 12.18, "Active State Current vs. Temp"
— Figure 12.19, "Detect State Current vs. Temp"
— Figure 12.20, "Sleep State Current vs. Temp"
Updated the following:
— Figure 12.6, "VBUS Discharge Behavior"
— Figure 12.11, "RDCP_RES Resistance vs.Temp"
— Figure 12.13, "VS Over-Voltage Threshold vs. Temp"
— Figure 12.14, "VS Under Voltage Threshold vs. Temp"
— Figure 12.15, "Detect State VBUS vs. IBUS"
Revision 1.1
(11-21-11)
Table 3.2, "Power
Dissipation Summary"
Missing units added.
Table 13.1 Customer Revision History (continued)
REVISION
LEVEL & DATE
SECTION/FIGURE/ENTRY
CORRECTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com