Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UCS1002-2 Datasheet(PDF) 114 Page - Microchip Technology

Part # UCS1002-2
Description  Programmable USB Port Power Controller with Charger Emulation
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

UCS1002-2 Datasheet(HTML) 114 Page - Microchip Technology

Back Button UCS1002-2 Datasheet HTML 106Page - Microchip Technology UCS1002-2 Datasheet HTML 107Page - Microchip Technology UCS1002-2 Datasheet HTML 108Page - Microchip Technology UCS1002-2 Datasheet HTML 109Page - Microchip Technology UCS1002-2 Datasheet HTML 110Page - Microchip Technology UCS1002-2 Datasheet HTML 111Page - Microchip Technology UCS1002-2 Datasheet HTML 112Page - Microchip Technology UCS1002-2 Datasheet HTML 113Page - Microchip Technology UCS1002-2 Datasheet HTML 114Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 114 / 114 page
background image
Programmable USB Port Power Controller with Charger Emulation
Datasheet
Revision 1.4 (07-16-13)
114
SMSC UCS1002
DATASHEET
Section 9.7, "BC1.2 DCP"
Added application note: BC1.2 compliance testing may
require the S0 control to be set to ‘0’ (Attach and Removal
Detection feature disabled) while testing is in progress.
Table 9.2, "Current Limit
Mode Options"
BC1.2 CDP charger emulation changed from using “trip” to
“CC mode if ILIM < 1.5 A, otherwise, trip mode”.
Section 9.11.4, "Legacy 5
Charger Emulation Profile"
Added. The Legacy 5 charger emulation profile no longer
applies a voltage divider. It applies 900 mV to DPOUT and
DMOUT.
Revision 1.0
(08-18-11)
Initial Release
Table 13.1 Customer Revision History (continued)
REVISION
LEVEL & DATE
SECTION/FIGURE/ENTRY
CORRECTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com