Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UCS1002-2 Datasheet(PDF) 113 Page - Microchip Technology

Part # UCS1002-2
Description  Programmable USB Port Power Controller with Charger Emulation
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

UCS1002-2 Datasheet(HTML) 113 Page - Microchip Technology

Back Button UCS1002-2 Datasheet HTML 106Page - Microchip Technology UCS1002-2 Datasheet HTML 107Page - Microchip Technology UCS1002-2 Datasheet HTML 108Page - Microchip Technology UCS1002-2 Datasheet HTML 109Page - Microchip Technology UCS1002-2 Datasheet HTML 110Page - Microchip Technology UCS1002-2 Datasheet HTML 111Page - Microchip Technology UCS1002-2 Datasheet HTML 112Page - Microchip Technology UCS1002-2 Datasheet HTML 113Page - Microchip Technology UCS1002-2 Datasheet HTML 114Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 113 / 114 page
background image
Programmable USB Port Power Controller with Charger Emulation
Datasheet
SMSC UCS1002
113
Revision 1.4 (07-16-13)
DATASHEET
Table 3.3, "Electrical
Specifications"
Changed tDET_CHARGE from 400 ms to 800 ms typ and
changed condition from CBUS = 220 µF to CBUS = 500 µF
max.
VS Leakage Current changed from 0.8 µA typical to 2.2 µA.
Changed IBD_1 and IBD_2 from TBD typ to 0 µA typ and from
1.5 µA max to 2 µA max
Changed ITST to ITEST and changed typ from 165 to 190 mA.
Changed tON_PSW from 3 ms to 0.75 ms typical and
tOFF_PSW_INA from 1 ms to 0.75 ms typical.
Spec changed for tHD:DAT. 0 µs min has condition when
transmitting to master. New row added with 0.3 µs min with
condition when receiving from master.
New characteristic: Bus Free Time Stop to Start, Start Setup
Time, Hold Time, Setup Time, Clock Low Period, Clock High
Period
Data Fall Time -> Clock / Data Fall Time
Data Rise Time -> Clock / Data Rise Time
Table 3.4, "ESD
Ratings"Section 3.1
Charged Device Model: changed from 200 V to 500 V
Note 5.1
Added note: In order to transition from Active state Data Pass-
through mode into Sleep with these settings, change the M1,
M2, and EM_EN pins before changing the PWR_EN pin.
Table 5.1, "Power States
Control Settings",
Section 5.1.2, "Sleep State
Operation",
Section 6.1, "USB High-
speed Data Switch"
The high-speed switch is open in Sleep.
Section 5.2.2, "VS Source
Voltage"
Added.
Cover, Section 9.11.3,
"Legacy 1, 3, 4, and 6
Charger Emulation Profiles"
Legacy 6 profile has been defined.
Revision 1.1
(11-21-11)
cont.
Section 9.4, "Data Pass-
through (No Charger
Emulation)"
Data Pass-through persists until M1, M2, or EM_EN controls
are changed. It is no longer affected by PWR_EN. Added
application note: When the M1, M2, and EM_EN controls are
set to ‘0’, ‘1’, ‘0’ or to ‘1’, ‘1’, ‘0’ respectively, Data Pass-
through mode will persist if the PWR_EN control is disabled;
however, the UCS1002 will draw more current. To leave Data
Pass-through mode, the PWR_EN control must be enabled
before the M1, M2, and EM_EN controls are changed to the
desired mode.
Section 9.6, "BC1.2 CDP"
BC1.2 CDP mode uses constant current limiting. Added
application note: BC1.2 compliance testing may require the
S0 control to be set to ‘0’ (Attach and Removal Detection
feature disabled) while testing is in progress.
Added application note: When the UCSX100X is in BC1.2
CDP mode and the Attach and Removal Detection feature is
enabled, if a power thief, such as a USB light or fan, attaches
but does not assert DP, a Removal event will not occur when
the portable device is removed. However, if a standard USB
device is subsequently attached, Removal Detection will
again be fully functional. As well, if PWR_EN is cycled or M1,
M2, and / or EM_EN change state, a Removal event will
occur and Attach Detection will be reactivated.
Table 13.1 Customer Revision History (continued)
REVISION
LEVEL & DATE
SECTION/FIGURE/ENTRY
CORRECTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com