Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LAN9250 Datasheet(PDF) 139 Page - Microchip Technology

Part # LAN9250
Description  Integrated Ethernet PHY with HP Auto-MDIX
PDF  421 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN9250 Datasheet(HTML) 139 Page - Microchip Technology

Back Button LAN9250 Datasheet HTML 135Page - Microchip Technology LAN9250 Datasheet HTML 136Page - Microchip Technology LAN9250 Datasheet HTML 137Page - Microchip Technology LAN9250 Datasheet HTML 138Page - Microchip Technology LAN9250 Datasheet HTML 139Page - Microchip Technology LAN9250 Datasheet HTML 140Page - Microchip Technology LAN9250 Datasheet HTML 141Page - Microchip Technology LAN9250 Datasheet HTML 142Page - Microchip Technology LAN9250 Datasheet HTML 143Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 139 / 421 page
background image
 2015 Microchip Technology Inc.
DS00001913A-page 139
LAN9250
11.0
HOST MAC
11.1
Functional Overview
The Host MAC incorporates the essential protocol requirements for operating an Ethernet/IEEE 802.3-compliant node
and provides an interface between the Host and the Ethernet PHY. On the front end, the Host MAC interfaces to the
Host via 2 sets of FIFO’s (TX Data FIFO, TX Status FIFO, RX Data FIFO, RX Status FIFO). An additional bus is used
to access the Host MAC CSRs via the Host MAC CSR Interface Command Register (MAC_CSR_CMD) and Host MAC
CSR Interface Data Register (MAC_CSR_DATA) system registers.
The receive and transmit FIFO’s allow increased packet buffer storage to the Host MAC. The FIFOs are a conduit
between the Host and the Host MAC through which all transmitted and received data and status information is passed.
Deep FIFOs allow a high degree of latency tolerance relative to the various transport and OS software stacks reducing
and minimizing overrun conditions. Both the Host MAC and the TX/RX FIFOs have separate receive and transmit data
paths.
The Host MAC can store up to 250 Ethernet packets utilizing FIFOs, totaling 16KB, with a packet granularity of 4 bytes.
This memory is shared by the RX and TX blocks and is configurable in terms of allocation via the Hardware Configura-
tion Register (HW_CFG) register to the ranges described in Section 11.10.3, "FIFO Memory Allocation Configuration".
This depth of buffer storage minimizes or eliminates receive overruns.
On the back end, the Host MAC interfaces with the 10/100 Ethernet PHY via an internal SMI (Serial Management Inter-
face) bus. This allows the Host MAC access to the PHY’s internal registers via the Host MAC MII Access Register
(HMAC_MII_ACC) and Host MAC MII Data Register (HMAC_MII_DATA). The Host MAC interfaces to the PHY via an
internal MII (Media Independent Interface) connection allowing for incoming and outgoing Ethernet packet transfers.
The Host MAC can operate at either 100Mbps or 10Mbps in both half-duplex or full-duplex modes. When operating in
half-duplex mode, the Host MAC complies fully with Section 4 of ISO/IEC 8802-3 (ANSI/IEEE standard) and ANSI/IEEE
802.3 standards. When operating in full-duplex mode, the Host MAC complies with IEEE 802.3 full-duplex operation
standard.
The Host MAC provides programmable enhanced features designed to minimize host supervision, bus utilization, and
pre- or post-message processing. These features include the ability to disable retries after a collision, dynamic Frame
Check Sequence (FCS) generation on a frame-by-frame basis, automatic pad field insertion and deletion to enforce min-
imum frame size attributes, and automatic retransmission and detection of collision frames. The Host MAC can sustain
transmission or reception of minimally-sized back-to-back packets at full line speed with an interpacket gap (IPG) of 9.6
microseconds for 10 Mbps and 0.96 microseconds for 100 Mbps.
The primary attributes of the Host MAC are:
• Transmit and receive message data encapsulation
• Framing (frame boundary delimitation, frame synchronization)
• Error detection (physical medium transmission errors)
• Media access management
• Medium allocation (collision detection, except in full-duplex operation)
• Contention resolution (collision handling, except in full-duplex operation)
• Flow control during full-duplex mode
• Decoding of control frames (PAUSE command) and disabling the transmitter
• Generation of control frames
• Interface between the Host Bus Interface and the Ethernet PHY.
11.2
Flow Control
The Host MAC supports full-duplex flow control using the pause operation and control frame. Half-duplex flow control
using back pressure is also supported. The Host MAC flow control is configured via the memory mapped Host MAC
Automatic Flow Control Configuration Register (AFC_CFG) located in the System CSR space and the Host MAC Flow
Control Register (HMAC_FLOW) located in the Host MAC CSR space.
11.2.1
FULL-DUPLEX FLOW CONTROL
The pause operation inhibits transmission of data frames for a specified period of time. A pause operation consists of a
frame containing the globally assigned multicast address (01-80-C2-00-00-01), the PAUSE opcode, and a parameter
indicating the quantum of slot time (512 bit times) to inhibit data transmissions. The PAUSE parameter may range from



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com