Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LAN9250 Datasheet(PDF) 141 Page - Microchip Technology

Part # LAN9250
Description  Integrated Ethernet PHY with HP Auto-MDIX
PDF  421 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN9250 Datasheet(HTML) 141 Page - Microchip Technology

Back Button LAN9250 Datasheet HTML 137Page - Microchip Technology LAN9250 Datasheet HTML 138Page - Microchip Technology LAN9250 Datasheet HTML 139Page - Microchip Technology LAN9250 Datasheet HTML 140Page - Microchip Technology LAN9250 Datasheet HTML 141Page - Microchip Technology LAN9250 Datasheet HTML 142Page - Microchip Technology LAN9250 Datasheet HTML 143Page - Microchip Technology LAN9250 Datasheet HTML 144Page - Microchip Technology LAN9250 Datasheet HTML 145Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 141 / 421 page
background image
 2015 Microchip Technology Inc.
DS00001913A-page 141
LAN9250
field, the controller will recognize the packet as a VLAN-tagged packet, allowing the packet to be received and pro-
cessed by the host software. If both VLAN1 and VLAN2 tag Identifiers are used, each should be unique. If both are set
to the same value, VLAN1 is given higher precedence and the maximum legal frame length is set to 1522.
FIGURE 11-1:
VLAN FRAME
Preamble
7 Bytes
SOF
1 Byte
Dest. Addr.
6 Bytes
Source Addr.
6 Bytes
Type
2 Bytes
Data
46-1500 Bytes
FCS
4 Bytes
Standard Ethernet Frame (1518 Bytes)
Preamble
7 Bytes
SOF
1 Byte
Dest. Addr.
6 Bytes
Source Addr.
6 Bytes
Type
2 Bytes
Data
46-1500 Bytes
FCS
4 Bytes
Ethernet Frame with VLAN TAG (1522 Bytes)
TPID
2 Bytes
Type
2 Bytes
TPID
2 Bytes
VLAN ID
12 Bits
User Priority
3 Bits
CFI
1 Bit
Tag Control Information
(TCI)
Defines the VLAN to
which the frame belongs
Canonical Address Format Indicator
Indicates the frame’s priority
Tag Protocol ID: \x81-00



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com