Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LAN9250 Datasheet(PDF) 142 Page - Microchip Technology

Part # LAN9250
Description  Integrated Ethernet PHY with HP Auto-MDIX
PDF  421 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN9250 Datasheet(HTML) 142 Page - Microchip Technology

Back Button LAN9250 Datasheet HTML 138Page - Microchip Technology LAN9250 Datasheet HTML 139Page - Microchip Technology LAN9250 Datasheet HTML 140Page - Microchip Technology LAN9250 Datasheet HTML 141Page - Microchip Technology LAN9250 Datasheet HTML 142Page - Microchip Technology LAN9250 Datasheet HTML 143Page - Microchip Technology LAN9250 Datasheet HTML 144Page - Microchip Technology LAN9250 Datasheet HTML 145Page - Microchip Technology LAN9250 Datasheet HTML 146Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 142 / 421 page
background image
LAN9250
DS00001913A-page 142
 2015 Microchip Technology Inc.
11.4
Address Filtering
The Ethernet address fields of an Ethernet packet consist of two 6-byte fields: one for the destination address and one
for the source address. The first bit of the destination address signifies whether it is a physical address or a multicast
address.
The Host MAC address check logic filters the frame based on the Ethernet receive filter mode that has been enabled.
The various filter modes of the Host MAC are specified based on the state of the control bits in the Host MAC Control
Register (HMAC_CR), as shown in TABLE 11-1:. Please refer to the Section 11.15.1, "Host MAC Control Register
(HMAC_CR)," on page 193 for more information on this register.
Frames that fail the address filtering are accepted only if the Receive All Mode (RXALL) bit in the Receive Configuration
Register (RX_CFG) is set. The Filtering Fail bit in the RX Status will be set for these frames.
11.4.1
PERFECT FILTERING
This filtering mode passes only incoming frames whose destination address field exactly matches the value pro-
grammed into the Host MAC Address High Register (HMAC_ADDRH) and the Host MAC Address Low Register
(HMAC_ADDRL). The MAC address is formed by the concatenation of these two registers.
Broadcast frames are also accepted if Disable Broadcast Frames (BCAST) is low.
Note:
If the HMAC_ADDRH and HMAC_ADDRL registers are set to the Broadcast address, Broadcast frames will
be accepted regardless of the setting of the BCAST bit.
TABLE 11-1:
ADDRESS FILTERING MODES
MCPAS
PRMS
INVFILT
HO
HPFILT
Description
00
0
0
0
Perfect
- MAC address perfect fil-
tering only for all addresses.
Broadcast frames accepted if
BCAST is low.
00
0
0
1
Hash Perfect
- MAC address per-
fect filtering for physical address
and hash filtering for multicast
addresses. Broadcast frames
accepted if BCAST is low.
00
0
1
1
Hash Only
- Hash Filtering for
physical and multicast addresses.
Broadcast frames accepted if
BCAST is low.
00
1
0
0
Inverse Filtering
X1
0
0
X
Promiscuous
0X
1
10
0
0
X
Perfect all Multicast
- Pass all
multicast frames including broad-
casts. Frames with physical
addresses are perfect-filtered
10
0
1
1
Hash Only all Multicast
- Pass all
multicast frames including broad-
casts. Frames with physical
addresses are hash-filtered



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com