Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LAN9250 Datasheet(PDF) 173 Page - Microchip Technology

Part # LAN9250
Description  Integrated Ethernet PHY with HP Auto-MDIX
PDF  421 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN9250 Datasheet(HTML) 173 Page - Microchip Technology

Back Button LAN9250 Datasheet HTML 169Page - Microchip Technology LAN9250 Datasheet HTML 170Page - Microchip Technology LAN9250 Datasheet HTML 171Page - Microchip Technology LAN9250 Datasheet HTML 172Page - Microchip Technology LAN9250 Datasheet HTML 173Page - Microchip Technology LAN9250 Datasheet HTML 174Page - Microchip Technology LAN9250 Datasheet HTML 175Page - Microchip Technology LAN9250 Datasheet HTML 176Page - Microchip Technology LAN9250 Datasheet HTML 177Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 173 / 421 page
background image
 2015 Microchip Technology Inc.
DS00001913A-page 173
LAN9250
11.12.3
RX STATUS FORMAT
BITS
DESCRIPTION
31
Packet Filter.
When set, this bit indicates that the associated frame passed the frame filtering
described in Section 11.5.
30
Filtering Fail.
When set, this bit indicates that the associated frame failed the address recognizing fil-
tering described in Section 11.4.
29:16
Packet Length.
The size, in bytes, of the corresponding received frame.
15
Error Status (ES).
When set this bit indicates that the Host MAC Interface Layer (MIL) has reported an
error. This bit is the Internal logical “or” of bits 11,7,6 and 1.
14
Reserved.
These bits are reserved. Reads 0.
13
Broadcast Frame.
When set, this bit indicates that the received frame has a Broadcast address.
12
Length Error (LE).
When set, this bit indicates that the actual length does not match with the length/
type field of the received frame.
11
Runt Frame.
When set, this bit indicates that frame was prematurely terminated before the collision
window (64 bytes). Runt frames are passed on to the host only if the Pass Bad Frames bit (PASSBAD)
of the Host MAC Control Register (HMAC_CR) is set.
10
Multicast Frame.
When set, this bit indicates that the received frame has a Multicast address.
9:8
Reserved.
These bits are reserved. Reads 0.
7
Frame Too Long.
When set, this bit indicates that the frame length exceeds the maximum Ethernet
specification of 1518 bytes. This is only a frame too long indication and will not cause the frame recep-
tion to be truncated.
6
Collision Seen.
When set, this bit indicates that the frame has seen a collision after the collision win-
dow. This indicates that a late collision has occurred.
5
Frame Type.
When set, this bit indicates that the frame is an Ethernet-type frame (Length/Type field in
the frame is greater than 1500). When reset, it indicates the incoming frame was an 802.3 type frame.
This bit is not set for Runt frames less than 14 bytes.
4
Receive Watchdog time-out.
When set, this bit indicates that the incoming frame was greater than or
equal to 2048 bytes, therefore expiring the Receive Watchdog Timer. Frames greater than or equal to
2049 bytes are truncated to 2048 bytes and would most likely have a CRC error as a result.
3
MII Error.
When set, this bit indicates that a receive error was detected during frame reception.
2
Dribbling Bit.
When set, this bit indicates that the frame contained a non-integer multiple of 8 bits. This
error is reported only if the number of dribbling bits in the last byte is at least 3 in the 10 Mbps operating
mode. This bit will not be set when the collision seen bit[6] is set. If set and the CRC error bit is [1] reset,
then the packet is considered to be valid.
1
CRC Error.
When set, this bit indicates that a CRC error was detected. This bit is also set when the
RX_ER pin is asserted during the reception of a frame even though the CRC may be correct. This bit is
not valid if the received frame is a Runt frame, or a late collision was detected.
0
Reserved.
These bits are reserved. Reads 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com