Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LAN9250 Datasheet(PDF) 176 Page - Microchip Technology

Part # LAN9250
Description  Integrated Ethernet PHY with HP Auto-MDIX
PDF  421 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN9250 Datasheet(HTML) 176 Page - Microchip Technology

Back Button LAN9250 Datasheet HTML 172Page - Microchip Technology LAN9250 Datasheet HTML 173Page - Microchip Technology LAN9250 Datasheet HTML 174Page - Microchip Technology LAN9250 Datasheet HTML 175Page - Microchip Technology LAN9250 Datasheet HTML 176Page - Microchip Technology LAN9250 Datasheet HTML 177Page - Microchip Technology LAN9250 Datasheet HTML 178Page - Microchip Technology LAN9250 Datasheet HTML 179Page - Microchip Technology LAN9250 Datasheet HTML 180Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 176 / 421 page
background image
LAN9250
DS00001913A-page 176
 2015 Microchip Technology Inc.
11.14 Host MAC & FIFO Interface Registers
This section details the directly addressable Host MAC and TX/RX FIFO related System CSRs. These registers allow
for the configuration of the TX/RX FIFO’s, Host MAC and indirect access to the complete set of Host MAC CSRs. The
Host MAC CSRs are accessible through via the Host MAC CSR Interface Command Register (MAC_CSR_CMD) and
Host MAC CSR Interface Data Register (MAC_CSR_DATA).
Note:
For more information on the TX/RX FIFO’s, refer to Section 11.10, "FIFOs".
Note:
The full list of indirectly addressable Host MAC CSRs are described in Section 11.15, "Host MAC Control
and Status Registers," on page 192.
TABLE 11-15: HOST MAC & FIFO INTERFACE LOGIC REGISTERS
Address
Register Name (SYMBOL)
068h
FIFO Level Interrupt Register (FIFO_INT)
06Ch
Receive Configuration Register (RX_CFG)
070h
Transmit Configuration Register (TX_CFG)
078h
Receive Datapath Control Register (RX_DP_CTRL)
07Ch
RX FIFO Information Register (RX_FIFO_INF)
080h
TX FIFO Information Register (TX_FIFO_INF)
0A0h
Host MAC RX Dropped Frames Counter Register (RX_DROP)
0A4h
Host MAC CSR Interface Command Register (MAC_CSR_CMD)
0A8h
Host MAC CSR Interface Data Register (MAC_CSR_DATA)
0ACh
Host MAC Automatic Flow Control Configuration Register (AFC_CFG)
0B0h
Host MAC RX LPI Transitions Register (HMAC_RX_LPI_TRANSITION)
0B4h
Host MAC RX LPI Time Register (HMAC_RX_LPI_TIME)
0B8h
Host MAC TX LPI Transitions Register (HMAC_TX_LPI_TRANSITION)
0BCh
Host MAC TX LPI Time Register (HMAC_TX_LPI_TIME)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com