Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LAN9250 Datasheet(PDF) 180 Page - Microchip Technology

Part # LAN9250
Description  Integrated Ethernet PHY with HP Auto-MDIX
PDF  421 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN9250 Datasheet(HTML) 180 Page - Microchip Technology

Back Button LAN9250 Datasheet HTML 176Page - Microchip Technology LAN9250 Datasheet HTML 177Page - Microchip Technology LAN9250 Datasheet HTML 178Page - Microchip Technology LAN9250 Datasheet HTML 179Page - Microchip Technology LAN9250 Datasheet HTML 180Page - Microchip Technology LAN9250 Datasheet HTML 181Page - Microchip Technology LAN9250 Datasheet HTML 182Page - Microchip Technology LAN9250 Datasheet HTML 183Page - Microchip Technology LAN9250 Datasheet HTML 184Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 180 / 421 page
background image
LAN9250
DS00001913A-page 180
 2015 Microchip Technology Inc.
11.14.3
TRANSMIT CONFIGURATION REGISTER (TX_CFG)
This register controls the Host MAC transmit functions.
Offset:
070h
Size:
32 bits
Bits
Description
Type
Default
31:16
RESERVED
RO
-
15
Force TX Status Discard (TXS_DUMP)
When a 1 is written to this bit, the TX Status FIFO is cleared of all pending
status DWORDs and the TX status pointers are cleared to zero.
WO
SC
0b
14
Force TX Data Discard (TXD_DUMP)
When a 1 is written to this bit, the TX Data FIFO is cleared of all pending data
and the TX data pointers are cleared to zero.
WO
SC
0b
13:3
RESERVED
RO
-
2
TX Status Allow Overrun (TXSAO)
When this bit is cleared, Host MAC data transmission is suspended if the TX
Status FIFO becomes full. Setting this bit high allows the transmitter to con-
tinue operation with a full TX Status FIFO.
Note:
This bit does not affect the operation of the TX Status FIFO Full
Interrupt (TSFF).
R/W
0b
1
Transmitter Enable (TX_ON)
When this bit is set, the Host MAC transmitter is enabled. Any data in the TX
Data FIFO will be sent. This bit is cleared automatically when the STOP_TX
bit is set and the transmitter is halted.
R/W
0b
0
Stop Transmitter (STOP_TX)
When this bit is set, the Host MAC transmitter will finish the current frame,
and will then stop transmitting. When the transmitter has stopped this bit will
clear. All writes to this bit are ignored while this bit is high.
R/W
SC
0b



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com