Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LAN9250 Datasheet(PDF) 181 Page - Microchip Technology

Part # LAN9250
Description  Integrated Ethernet PHY with HP Auto-MDIX
PDF  421 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN9250 Datasheet(HTML) 181 Page - Microchip Technology

Back Button LAN9250 Datasheet HTML 177Page - Microchip Technology LAN9250 Datasheet HTML 178Page - Microchip Technology LAN9250 Datasheet HTML 179Page - Microchip Technology LAN9250 Datasheet HTML 180Page - Microchip Technology LAN9250 Datasheet HTML 181Page - Microchip Technology LAN9250 Datasheet HTML 182Page - Microchip Technology LAN9250 Datasheet HTML 183Page - Microchip Technology LAN9250 Datasheet HTML 184Page - Microchip Technology LAN9250 Datasheet HTML 185Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 181 / 421 page
background image
 2015 Microchip Technology Inc.
DS00001913A-page 181
LAN9250
11.14.4
RECEIVE DATAPATH CONTROL REGISTER (RX_DP_CTRL)
This register is used to discard unwanted receive frames.
Offset:
078h
Size:
32 bits
Bits
Description
Type
Default
31
RX Data FIFO Fast Forward (RX_FFWD)
Writing a 1 to this bit causes the RX Data FIFO to fast-forward to the start of
the next frame. This bit will remain high until the RX Data FIFO fast-forward
operation has completed. No reads should be issued to the RX Data FIFO
while this bit is high.
Note:
Please refer to section Section 11.12.1.1, "Receive Data FIFO Fast
Forward," on page 172 for detailed information regarding the use
of RX_FFWD.
R/W
SC
0h
30:0
RESERVED
RO
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com