Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LAN9250 Datasheet(PDF) 182 Page - Microchip Technology

Part # LAN9250
Description  Integrated Ethernet PHY with HP Auto-MDIX
PDF  421 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN9250 Datasheet(HTML) 182 Page - Microchip Technology

Back Button LAN9250 Datasheet HTML 178Page - Microchip Technology LAN9250 Datasheet HTML 179Page - Microchip Technology LAN9250 Datasheet HTML 180Page - Microchip Technology LAN9250 Datasheet HTML 181Page - Microchip Technology LAN9250 Datasheet HTML 182Page - Microchip Technology LAN9250 Datasheet HTML 183Page - Microchip Technology LAN9250 Datasheet HTML 184Page - Microchip Technology LAN9250 Datasheet HTML 185Page - Microchip Technology LAN9250 Datasheet HTML 186Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 182 / 421 page
background image
LAN9250
DS00001913A-page 182
 2015 Microchip Technology Inc.
11.14.5
RX FIFO INFORMATION REGISTER (RX_FIFO_INF)
This register contains the indication of used space in the RX FIFO’s.
Offset:
07Ch
Size:
32 bits
Bits
Description
Type
Default
31:24
RESERVED
RO
-
23:16
RX Status FIFO Used Space (RXSUSED)
This field indicates the amount of space, in DWORDs, currently used in the
RX Status FIFO.
RO
0b
15:0
RX Data FIFO Used Space (RXDUSED)
This field indicates the amount of space, in bytes, used in the RX Data FIFO.
For each receive frame, the field is incremented by the length of the receive
data. In cases where the payload does not end on a DWORD boundary, the
total will be rounded up to the nearest DWORD.
RO
0b



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com