Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LAN9250 Datasheet(PDF) 186 Page - Microchip Technology

Part # LAN9250
Description  Integrated Ethernet PHY with HP Auto-MDIX
PDF  421 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN9250 Datasheet(HTML) 186 Page - Microchip Technology

Back Button LAN9250 Datasheet HTML 182Page - Microchip Technology LAN9250 Datasheet HTML 183Page - Microchip Technology LAN9250 Datasheet HTML 184Page - Microchip Technology LAN9250 Datasheet HTML 185Page - Microchip Technology LAN9250 Datasheet HTML 186Page - Microchip Technology LAN9250 Datasheet HTML 187Page - Microchip Technology LAN9250 Datasheet HTML 188Page - Microchip Technology LAN9250 Datasheet HTML 189Page - Microchip Technology LAN9250 Datasheet HTML 190Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 186 / 421 page
background image
LAN9250
DS00001913A-page 186
 2015 Microchip Technology Inc.
11.14.9
HOST MAC CSR INTERFACE DATA REGISTER (MAC_CSR_DATA)
This read-write register is used in conjunction with the Host MAC CSR Interface Command Register (MAC_CSR_CMD)
to indirectly access the Host MAC CSRs.
Note:
The full list of Host MAC CSRs are described in Section 11.15, "Host MAC Control and Status Registers,"
on page 192.
Offset:
0A8h
Size:
32 bits
Bits
Description
Type
Default
31:0
Host MAC CSR Data
This field contains the value read from or written to the Host MAC CSR as
specified in the Host MAC CSR Interface Command Register (MAC_CS-
R_CMD). Upon a read, the value returned depends on the R/nW bit in the
MAC_CSR_CMD register. If R/nW is a 1, the data in this register is from the
Host MAC. If R/nW is 0, the data is the value that was last written into this
register.
Note:
The MAC_CSR_CMD and MAC_CSR_DATA registers must not be
modified until the CSR Busy bit is cleared in the MAC_CSR_CMD
register.
R/W
00000000h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com