Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LAN9250 Datasheet(PDF) 187 Page - Microchip Technology

Part # LAN9250
Description  Integrated Ethernet PHY with HP Auto-MDIX
PDF  421 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN9250 Datasheet(HTML) 187 Page - Microchip Technology

Back Button LAN9250 Datasheet HTML 183Page - Microchip Technology LAN9250 Datasheet HTML 184Page - Microchip Technology LAN9250 Datasheet HTML 185Page - Microchip Technology LAN9250 Datasheet HTML 186Page - Microchip Technology LAN9250 Datasheet HTML 187Page - Microchip Technology LAN9250 Datasheet HTML 188Page - Microchip Technology LAN9250 Datasheet HTML 189Page - Microchip Technology LAN9250 Datasheet HTML 190Page - Microchip Technology LAN9250 Datasheet HTML 191Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 187 / 421 page
background image
 2015 Microchip Technology Inc.
DS00001913A-page 187
LAN9250
11.14.10 HOST MAC AUTOMATIC FLOW CONTROL CONFIGURATION REGISTER (AFC_CFG)
This read/write register configures the mechanism that controls the automatic and software-initiated transmission of
pause frames and back pressure from the Host MAC to the network. This register is used in conjunction with the Host
MAC Flow Control Register (HMAC_FLOW) in the Host MAC CSR space. Pause frames and backpressure are sent to
the network to stop it from sending packets to the Host MAC.
Note:
The Host MAC will not transmit pause frames or assert back pressure if the transmitter is disabled.
Refer to section Section 11.2, "Flow Control," on page 139 for additional information.
Offset:
0ACh
Size:
32 bits
Bits
Description
Type
Default
31:24
RESERVED
RO
-
23:16
Automatic Flow Control High Level (AFC_HI)
This field specifies, in multiples of 64 bytes, the level at which flow control will
trigger. When this limit is reached, the chip will apply back pressure or will
transmit a pause frame as programmed in bits [3:0] of this register.
During full-duplex operation only a single pause frame is transmitted when
this level is reached. The pause time transmitted in this frame is programmed
in the FCPT field of the Host MAC Flow Control Register (HMAC_FLOW) in
the Host MAC CSR space.
During half-duplex operation each incoming frame that matches the criteria in
bits [3:0] of this register will be jammed for the period set in the BACK_DUR
field.
R/W
00h
15:8
Automatic Flow Control Low Level (AFC_LO)
This field specifies, in multiples of 64 bytes, the level at which a pause frame
is transmitted with a pause time setting of zero. When the amount of data in
the RX Data FIFO falls below this level the pause frame is transmitted. A
pause time value of zero instructs the other transmitting device to immedi-
ately resume transmission. The zero time pause frame will only be transmit-
ted if the RX Data FIFO had reached the AFC_HI level and a pause frame
was sent. A zero pause time frame is sent whenever automatic flow control in
enabled in bits [3:0] of this register.
Note:
When automatic flow control is enabled the AFC_LO setting must
always be less than the AFC_HI setting.
R/W
00h
7:4
Backpressure Duration (BACK_DUR)
When the Host MAC automatically asserts back pressure, it will be asserted
for this period of time. In full-duplex mode, this field has no function and is not
used. Please refer to Table 11-16, describing Backpressure Duration bit map-
ping for more information.
R/W
0h
3
Flow Control on Multicast Frame (FCMULT)
When this bit is set, the Host MAC will assert back pressure when the AFC
level is reached and a multicast frame is received. This field has no function
in full-duplex mode.
0: Flow Control on Multicast Frame Disabled
1: Flow Control on Multicast Frame Enabled
R/W
0b



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com