Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LAN9250 Datasheet(PDF) 185 Page - Microchip Technology

Part # LAN9250
Description  Integrated Ethernet PHY with HP Auto-MDIX
PDF  421 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN9250 Datasheet(HTML) 185 Page - Microchip Technology

Back Button LAN9250 Datasheet HTML 181Page - Microchip Technology LAN9250 Datasheet HTML 182Page - Microchip Technology LAN9250 Datasheet HTML 183Page - Microchip Technology LAN9250 Datasheet HTML 184Page - Microchip Technology LAN9250 Datasheet HTML 185Page - Microchip Technology LAN9250 Datasheet HTML 186Page - Microchip Technology LAN9250 Datasheet HTML 187Page - Microchip Technology LAN9250 Datasheet HTML 188Page - Microchip Technology LAN9250 Datasheet HTML 189Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 185 / 421 page
background image
 2015 Microchip Technology Inc.
DS00001913A-page 185
LAN9250
11.14.8
HOST MAC CSR INTERFACE COMMAND REGISTER (MAC_CSR_CMD)
This read-write register is used to control the read and write operations to/from the Host MAC. This register in used in
conjunction with the Host MAC CSR Interface Data Register (MAC_CSR_DATA) to indirectly access the Host MAC
CSRs.
Note:
The full list of Host MAC CSRs are described in Section 11.15, "Host MAC Control and Status Registers,"
on page 192.
Offset:
0A4h
Size:
32 bits
Bits
Description
Type
Default
31
Host MAC CSR Busy (HMAC_CSR_BUSY)
When a 1 is written into this bit, the read or write operation is performed to
the specified Host MAC CSR. This bit will remain set until the operation is
complete. In the case of a read, this indicates that the host can read valid
data from the Host MAC CSR Interface Data Register (MAC_CSR_DATA).
Note:
The MAC_CSR_CMD and MAC_CSR_DATA registers must not be
modified until this bit is cleared.
R/W
SC
0b
30
R/nW
When set, this bit indicates that the host is requesting a read operation.
When clear, the host is performing a write.
0: Host MAC CSR Write Operation
1: Host MAC CSR Read Operation
R/W
0b
29:8
RESERVED
RO
-
7:0
CSR Address
The 8-bit value in this field selects which Host MAC CSR will be accessed by
the read or write operation. The index of each Host MAC CSR is defined in
Section 11.15, "Host MAC Control and Status Registers," on page 192.
R/W
00h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com